ATS-P2-165-C1-R0
AI

The part number **ATS-P2-165-C1-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series, designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 18.28°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Type** | Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **P2**: Refers to the specific series of the push-pin attachment mechanism.
* **165**: The specific model identifier within the 45mm x 45mm footprint series.
* **C1**: Indicates the color/finish (typically Blue Anodized).
* **R0**: Refers to the revision code or packaging standards (RoHS compliant).
---
### 3. Key Electronic Cooling Features
#### A. Thermal Interface Material (TIM)
The bottom of this heat sink usually comes pre-applied with **ATS-PPS-11**, a high-performance phase-change thermal interface material. This ensures there are no air gaps between the chip and the aluminum, maximizing heat transfer.
#### B. Push-Pin Mounting
Unlike adhesive-based heat sinks, the push-pin mechanism provides:
* **Reliable Pressure:** The compression springs ensure a constant force is applied to the chip, improving thermal contact.
* **Security:** Mechanical fastening is more vibration-resistant than thermal tape.
* **Ease of Maintenance:** It can be removed and re-installed more easily than epoxied sinks.
#### C. Airflow Optimization
The straight-fin design is optimized for **forced-air cooling**. While it can work in natural convection environments, its performance scales significantly as airflow (LFM - Linear Feet per Minute) increases from the system fans.
---
### 4. Common Applications
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFETs or power regulators that require a 45mm footprint.
- ⤷
What is the hole-to-hole spacing required for this specific push-pin design?
- ⤷ How does the thermal resistance change at higher airflow speeds like 500 LFM?
- ⤷ Are there alternative finishes available if blue anodized does not meet EMI requirements?