ATS-P2-169-C1-R0
AI

The **ATS-P2-169-C1-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Thermal Resistance** | 15.60°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Fine Pitch (Straight Fins) |
| **C1 Rating** | Heat Sink Material (Al6063) |
---
### 2. Detailed Component Analysis
#### A. Thermal Performance
The heat sink is designed to dissipate heat from electronic components to the ambient air. Its performance is highly dependent on the velocity of the airflow (LFM - Linear Feet per Minute).
* **Low Airflow:** High thermal resistance (~15.60°C/W).
* **High Airflow:** As air velocity increases (e.g., 500-700 LFM), the resistance drops significantly, allowing the component to remain cooler under heavy loads.
#### B. Mounting Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the "R0" designation indicates it uses a **push-pin and brass spring** assembly.
* **Reliability:** Provides consistent pressure on the component (TIM - Thermal Interface Material), improving heat transfer.
* **Maintenance:** Allows for easy removal and re-installation without damaging the PCB.
* **Hole Pattern:** Requires pre-drilled holes in the PCB to accommodate the pins.
#### C. Material and Coating
* **Aluminum (6063):** Offers a balance between thermal conductivity and weight.
* **Blue Anodized Finish:** This is not just aesthetic; anodizing protects the aluminum from corrosion and slightly improves surface emissivity for better radiant heat transfer.
---
### 3. Typical Applications
This part is commonly found in:
* **Network Switches/Routers:** Cooling small processors or ASICs.
* **Embedded Systems:** For industrial computers where space is limited.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
- ⤷
What are the PCB hole diameter requirements for the pushPIN mounting system?
- ⤷ How does the 'C1' thermal interface material differ from other ATS options?
- ⤷ Can this heat sink be used with a fan for active cooling?