ATS-P2-172-C1-R0
AI

The **ATS-P2-172-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These components are critical in electronics to dissipate heat from integrated circuits (ICs), CPUs, or GPUs to ensure system stability and longevity.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 5.67°C/W (at 200 LFM) |
| **Dimensions** | 30mm x 30mm x 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Electronic Functions
While the heatsink itself is passive, its integration into an electronic system serves several vital roles:
* **Heat Dissipation:** It increases the surface area of the component (like a BGA chip), allowing heat to transfer more efficiently into the ambient air via convection.
* **Protection against Thermal Throttling:** By keeping the junction temperature low, it prevents the electronic processor from reducing its clock speed to protect itself from heat damage.
* **Thermal Interface:** The "R0" suffix indicates it comes with **T766** thermal material pre-applied. This fills microscopic air gaps between the chip and the heatsink to minimize thermal resistance.
---
### 3. Physical Design Components
* **Push-Pin Mechanism:** Uses a spring-loaded brass pin to provide consistent pressure against the electronic component. This is more reliable than adhesive tapes in high-vibration environments.
* **Straight Fin Geometry:** Optimized for systems with specific airflow directions (linear flow), allowing air to move between the fins with minimal pressure drop.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization process increases the emissivity of the aluminum surface, slightly improving radiant heat transfer and providing electrical insulation and corrosion resistance.
---
### 4. Application Use Cases
This specific part is commonly found in:
* **Network Switches/Routers:** Cooling high-speed communication chips.
* **Industrial PCs:** Ensuring reliability in non-conditioned environments.
* **Embedded Systems:** Where space is limited but high thermal density exists.
- ⤷What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate the required LFM for this heatsink?
- ⤷ Are there alternative attachment methods like thermal tape for this size?