ATS-P2-176-C1-R0
AI

The **ATS-P2-176-C1-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" thermal management series designed to cool electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The model number encodes specific physical and thermal characteristics:
| Property | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 4.38°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical or Horizontal (Fine Pitch) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within PCB constraints without interfering with neighboring components.
| Dimension | Measurement |
| :--- | :--- |
| **Length (A)** | 35.00 mm |
| **Width (B)** | 35.00 mm |
| **Height (C)** | 15.00 mm |
| **Pin Pitch (E)** | 40.00 mm |
| **Pin Pitch (F)** | 40.00 mm |
---
### 3. Key Electronic/Thermal Features
* **Fine-Pitch Design:** The "Straight Fin" geometry provides a high surface area-to-volume ratio, which is ideal for high-velocity airflow environments.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal grease that ensures minimal air gaps between the component and the heat sink.
* **pushPIN™ Attachment:** Instead of messy adhesives or simple clips, it uses a spring-loaded mechanism. This provides:
* **Consistent Pressure:** Ensures the heat sink is firmly pressed against the chip for maximum heat transfer.
* **Secure Fit:** Prevents the heat sink from shifting during vibration or shipping.
---
### 4. Implementation Example (Mechanical Integration)
When designing a PCB for this part, the mounting holes must be placed exactly 40mm apart. In a thermal simulation, the airflow (LFM) significantly impacts performance:
```markdown
Airflow Velocity (LFM) | Thermal Resistance (°C/W)
-----------------------|--------------------------
100 (0.5 m/s) | 4.38
300 (1.5 m/s) | 2.40
500 (2.5 m/s) | 1.80
```
---
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I calculate if the 15mm height will fit in a 1U server chassis?
- ⤷ Can the T766 thermal interface material be replaced with liquid metal?