ATS-P2-194-C3-R0
AI

The **ATS-P2-194-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and high-power ICs.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Components
#### A. The Heat Sink Body (Aluminum)
The core "part" is an extruded aluminum block. The **Blue Anodized** finish is not just for aesthetics; it provides:
* **Corrosion Resistance:** Protects the aluminum from environmental oxidation.
* **Electrical Insulation:** The anodized layer is non-conductive, reducing the risk of short-circuits if the sink contacts nearby components.
* **Improved Emissivity:** Enhances heat radiation compared to polished aluminum.
#### B. The Push-Pin Attachment System
Unlike adhesive-based heat sinks, the `-P2` designation indicates a mechanical attachment:
* **Plastic Push-Pins:** These provide a secure, reliable attachment to the PCB.
* **Compression Springs:** The "R0" variant typically includes a specific spring tension that ensures uniform pressure across the component surface, maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic chip.
* **Benefit:** Reduces thermal resistance significantly compared to "dry" mounting.
---
### 3. Thermal Performance Profile
The efficiency of this part depends on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 2.50 |
| **400 (2.0 m/s)** | 1.60 |
| **600 (3.0 m/s)** | 1.30 |
| **800 (4.0 m/s)** | 1.15 |
---
### 4. Typical Applications
This specific part is used in electronic systems where high heat density is an issue:
* **Network Switches/Routers:** Cooling high-speed processing ASICs.
* **Embedded Systems:** For industrial PCs where vibration resistance is needed (push-pins are more secure than tape).
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T766 thermal material compare to other TIM options like T412?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?