Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-P2-204-C1-R0

  • AI
    The **ATS-P2-204-C1-R0** is a high-performance thermal management component, specifically a **Heat Sink** from the Advanced Thermal Solutions (ATS) "push-pin" series. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 7.41 °C/W @ 100 LFM (Airflow) | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.00mm | | **Thermal Interface Material (TIM)** | ATS-54 (Pre-applied) | --- ### Key Electronic & Mechanical Components #### 1. Heat Sink Body (The Fin Structure) The body is made of **AL6063 Aluminum**, chosen for its excellent thermal conductivity. The "P2" in the part number indicates a specific fin pattern designed to maximize surface area while maintaining low pressure drop for cooling fans. #### 2. Push-Pin Fasteners Unlike adhesive-based heat sinks, this model uses **plastic push-pins**. This provides several advantages in electronic assembly: * **Constant Pressure:** The integrated springs ensure consistent contact between the heat sink and the electronic chip, which is vital for thermal efficiency. * **Vibration Resistance:** Secure mechanical mounting makes it suitable for industrial or automotive electronics where vibrations occur. * **Removability:** Allows for easier maintenance or chip replacement compared to thermal epoxy. #### 3. Thermal Interface Material (TIM) The unit comes with **ATS-54** pre-applied to the base. * **Function:** It fills microscopic air gaps between the component (e.g., a microprocessor) and the aluminum base. * **Electronic Safety:** This material is typically electrically non-conductive to prevent short-circuiting nearby PCB traces. --- ### Application in Electronics This part is commonly found in: * **Telecommunications:** Cooling for high-speed networking chips. * **Embedded Systems:** Industrial PCs and controllers. * **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulators. ---
    ✨ Follow-up Questions
    • ⤷ How does the airflow rate (LFM) affect the thermal resistance of this heat sink?
    • ⤷ What are the advantages of blue anodized finishes in electronics beyond aesthetics?
    • ⤷ Can the push-pin mounting be customized for different PCB thicknesses?