ATS-P2-51-C1-R0
AI

The **ATS-P2-51-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the *push-PIN™* series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The model name contains specific data regarding its size, material, and thermal performance.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (High Performance) |
| **Attachment Method** | push-PIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.52 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 20mm |
| **Thermal Interface (TIM)** | No TIM (Attachment Only) |
---
### 2. Key Components & Design Features
#### A. Fin Pattern (Straight Fin)
The "P2" in the part number indicates a specific fin geometry. This design is optimized for **forced air cooling** systems. The straight fin design allows for low pressure drop while maximizing the surface area available for heat dissipation.
#### B. Attachment System (push-PIN™)
Instead of using messy thermal adhesives or complex brackets, this part uses a standardized push-pin mechanism:
* **Ease of Assembly:** Features a flexible, tool-free installation.
* **Constant Pressure:** The spring-loaded pins ensure consistent contact pressure between the heat sink and the electronic component, which is vital for thermal conductivity.
* **Secure Fit:** Prevents the heat sink from shifting during vibration or shipping.
#### C. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and increases surface emissivity (the ability to radiate heat).
---
### 3. Applications
This part is typically found in dense electronic environments where space is limited but heat generation is high:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PC boards.
3. **Power Electronics:** Voltage regulators and power modules.
4. **Computing:** Chipset cooling on motherboards.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 10.52 |
| 200 | 1.0 | 4.64 |
| 300 | 1.5 | 3.43 |
| 400 | 2.0 | 2.85 |
- ⤷
What is the difference between the C1 and C2 finish options for this series?
- ⤷ How do I calculate the required hole size on the PCB for the push-pin attachment?
- ⤷ Can this heat sink be used with a pre-applied Thermal Interface Material (TIM)?