Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-X53170P-C1-R0

  • AI
    The **ATS-X53170P-C1-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed by Advanced Thermal Solutions (ATS). It is part of their "SuperGRIP" series, engineered for cooling integrated circuits (ICs) and high-power electronic components. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | SuperGRIP™ | | **Heat Sink Type** | Fin Field (High-performance straight fin) | | **Material** | Aluminum (Anodized Blue) | | **Dimensions (L x W x H)** | 17.0mm x 17.0mm x 17.5mm | | **Attachment Method** | Clip-On (SuperGRIP plastic clip) | | **Thermal Resistance** | Approx. 8.20 °C/W (at 200 LFM) | | **Interface Material** | T766 (Thermal Interface Material included) | --- ## 2. Key Electronic Features ### A. Attachment Mechanism (SuperGRIP™) Unlike traditional adhesive-based heat sinks, this model uses a mechanical clip. - **Component Protection:** The clip attaches directly to the component, applying uniform pressure without the need for holes in the PCB. - **Vibration Resistance:** Designed to meet rigorous shock and vibration standards for telecommunications and industrial electronics. ### B. Thermal Interface Material (TIM) The part comes pre-applied with **T766** thermal phase change material. This is critical for electronics because: - It fills microscopic air gaps between the IC and the heat sink. - It ensures maximum heat transfer efficiency from the silicon die to the aluminum fins. ### C. Fin Geometry The "Straight Fin" design is optimized for **forced air cooling** (active airflow from a fan). The spacing and height (17.5mm) are engineered to balance surface area with pressure drop, preventing "dead zones" where heat can build up. --- ## 3. Common Applications This specific size (17mm x 17mm) is typically used for cooling the following types of electronic parts: 1. **FPGAs / ASICs:** High-speed processing chips that generate localized heat. 2. **Network Processors:** Found in routers and switches. 3. **BGA Components:** Ball Grid Array packages where board space is limited. --- ## 4. Maintenance and Installation When using this part in a circuit design: - **Footprint:** Ensure a "keep-out" zone around the IC to accommodate the plastic clip. - **Orientation:** Align the fins with the direction of the system's airflow for maximum thermal dissipation.
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heat sink change at different airflow speeds (LFM)?
    • ⤷ What are the benefits of the SuperGRIP clip over traditional thermal tape?
    • ⤷ Is the T766 interface material electrically conductive?