ATS-X53330B-C1-R0
AI

The **ATS-X53330B-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "SuperGRIP" series, designed for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | SuperGRIP™ |
| **Attachment Method** | Clip-On (Plastic Clip) |
| **Material** | Aluminum (Heat Sink) / Plastic (Frame) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 33.00mm x 33.00mm x 7.50mm |
| **Thermal Resistance** | Variable based on Airflow (LFM) |
---
## 2. Key Components & Design Features
### A. Heat Sink Geometry
The "B" in the part number typically denotes a **straight-fin** or **cross-cut** design. This allows for efficient heat dissipation in environments where there is forced air (fan-driven) cooling.
### B. Attachment Mechanism (SuperGRIP™)
The most notable feature of this electronic part is its mounting system:
* **Frame Clip:** A plastic frame attaches to the component without requiring holes in the Printed Circuit Board (PCB).
* **Spring Clip:** A metal spring clip (often stainless steel) applies high pressure to the heat sink, ensuring a tight interface with the chip.
* **Reliability:** It is designed to withstand high-vibration environments, making it suitable for aerospace or industrial applications.
### C. Thermal Interface Material (TIM)
Usually, these parts come with a pre-applied high-performance thermal pad or tape. The **-R0** suffix often refers to the RoHS compliance and specific packaging/revision of the thermal interface included.
---
## 3. Application Use Cases
This part is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Dissipating heat from ARM or RISC-V processors.
3. **Automotive:** Managing thermal loads in ADAS (Advanced Driver Assistance Systems) modules.
---
- ⤷
What is the thermal resistance of this heat sink at 200 LFM airflow?
- ⤷ Can the SuperGRIP clip be reused if the component is replaced?
- ⤷ What is the difference between the C1 and C2 version of this part number?