Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS672LSB

  • AI
    ## Overview of the ATS672LSB The **ATS672LSB** is a high-performance, specialized Hall-effect integrated circuit (IC) manufactured by Allegro MicroSystems. It is primarily used as a **Self-Calibrating TNET (True Next-Edge) Gear Tooth Sensor**. It is designed to provide speed and timing information for rotating targets (like ferrous gears or magnetic encoders) in harsh environments. --- ### 1. Key Internal Electronic Components The device is a sophisticated System-on-Chip (SoC) that integrates several electronic stages: | Component | Function | | :--- | :--- | | **Hall Elements** | Dual differential Hall-effect transducers that convert magnetic field changes into voltage. | | **Differential Amplifier** | Amplifies the small signal from the Hall elements while canceling common-mode magnetic noise. | | **A/D Converter** | Converts the analog magnetic signal into a digital format for signal processing. | | **Digital Controller** | Performs peak detection, thresholding, and self-calibration algorithms. | | **Open-Collector Output** | A NPN transistor output that pulls the signal low when triggered, requiring an external pull-up resistor. | --- ### 2. Core Functional Features The "Electronic Intelligence" of the ATS672LSB sets it apart from standard Hall sensors through several advanced features: * **True Zero-Speed Operation:** Unlike inductive sensors, the ATS672LSB can detect rotation even at extremely low RPMs because it senses field strength rather than the rate of change. * **Self-Calibration:** The chip contains an internal digital controller that constantly adjusts its internal gain and offset to compensate for mechanical tolerances (e.g., air gap changes or temperature drifts). * **Vibration Immunity:** The digital logic filters out "false" signals caused by engine or machine vibrations, ensuring output only occurs during valid rotation. * **TNET Technology:** The "True Next-Edge" technology ensures that the output switching occurs precisely at the edge of the gear tooth, minimizing jitter. --- ### 3. Electrical Specifications Standard operating parameters for the IC: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.0 V to 24 V | | **Supply Current ($I_{CC}$)** | 5.5 mA to 9.0 mA | | **Output Saturation Voltage** | < 0.4 V (at 20 mA sink) | | **Operating Temperature** | -40°C to +150°C (Automotive Grade) | | **Package Type** | 3-pin SIP (Single In-line Package) | --- ### 4. Basic Application Circuit To use the ATS672LSB in an electronic system, a simple interface is required: ```c // Typical Connection Logic [Power Supply 5-24V] ----+---- [VCC Pin] | [Pull-up Resistor 1k-10k] | [Microcontroller] <------+---- [VOUT Pin] [Ground] --------------------- [GND Pin] ``` --- ### 5. Common Applications Due to its robust electronic design, it is frequently found in: * **Automotive:** Camshaft and crankshaft position sensing. * **Industrial:** Speed sensing in gearboxes and conveyors. * **Anti-lock Braking Systems (ABS):** Precise wheel speed monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ATS672LSB and a standard Hall-effect switch?
    • ⤷ How does the self-calibration algorithm handle changes in the air gap?
    • ⤷ What are the specific wiring requirements for the 3-pin SIP package?