Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AUC360-64G-RGD

  • AI
    The **AUC360-64G-RGD** is a high-performance, ruggedized USB 3.2 Flash Drive manufactured by **ADATA**. This specific part number refers to a 64GB industrial-grade or durable consumer storage solution designed for high-speed data transfer and physical resilience. --- ### 1. Technical Specifications The device is built around specific electronic components and protocols to ensure high-speed operation and data integrity. | Feature | Specification | | :--- | :--- | | **Capacity** | 64GB | | **Interface** | USB 3.2 Gen 1 (Backwards compatible with USB 2.0) | | **Form Factor** | Capless, swivel or sliding design (Model dependent) | | **Performance** | Up to 100 MB/s Read (approximate) | | **Storage Media** | NAND Flash (likely 3D TLC) | | **Body Material** | Metal / Ruggedized Zinc Alloy | --- ### 2. Key Electronic Components The internal architecture of the AUC360 consists of three primary electronic layers: 1. **USB 3.2 Controller:** The "brain" of the device. It handles the interface protocol between the host (computer) and the storage. It manages Error Correction Code (ECC) and wear-leveling algorithms to extend the life of the flash memory. 2. **NAND Flash Chip:** A non-volatile storage chip (64GB). In the "RGD" (Rugged) series, these chips are often selected for better thermal stability and data retention compared to standard budget drives. 3. **COB (Chip-on-Board) Construction:** Many ADATA "Rugged" drives use COB technology. Instead of separate components soldered to a PCB, the electronic parts are integrated into a single module and encapsulated. This makes the electronics resistant to: * **Water** (Waterproof) * **Dust** (Dustproof) * **Shock** (Vibration resistant) --- ### 3. Part Number Breakdown The suffixing in the part number provides specific details about the electronic and physical build: * **AUC360:** The model series (UC360). * **64G:** Total density (64 Gigabytes). * **RGD:** Refers to the "Rugged" or "Rose Gold" aesthetic/build version, typically featuring a metallic casing for heat dissipation and physical protection. --- ### 4. Implementation Use Cases Because of its USB 3.2 interface and rugged build, this part is commonly used for: * **Bootable OS Drives:** High reliability for running Linux or Windows-to-Go. * **Industrial Data Logging:** Used in environments with vibration or dust. * **High-Resolution Media:** Transferring large 4K video files or high-resolution photos.
    ✨ Follow-up Questions
    • ⤷What is the difference between USB 3.2 Gen 1 and Gen 2 performance?
    • ⤷ Does the AUC360 use SLC
    • ⤷ MLC
    • ⤷ or TLC NAND flash?
    • ⤷ Is the COB technology repairable if the drive fails?