Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AVD035P

  • AI
    The **AVD035P** typically refers to a **3.5-inch TFT LCD display module**, commonly used in embedded systems, handheld devices, and industrial control panels. It is often driven by a specific controller (like the ILI9488 or HX8357) and uses an RGB or SPI interface. --- ### 1. Key Technical Specifications The following table outlines the typical electronic characteristics of the AVD035P series modules: | Feature | Specification | | :--- | :--- | | **Display Size** | 3.5 Inch (Diagonal) | | **Resolution** | 320 x 480 Pixels (HVGA) | | **Interface** | 16-bit Parallel (8080) / 3-wire or 4-wire SPI | | **Driver IC** | ILI9488 / HX8357 (Commonly) | | **Operating Voltage** | 2.8V to 3.3V | | **Backlight** | 6 White LEDs (Parallel or Series) | | **Touch Panel** | Optional (Resistive or Capacitive) | --- ### 2. Electronic Components & Pinout Structure The module consists of several critical electronic sub-sections: #### A. The LCD Panel & Driver The core is an **Amorphous-TFT-LCD**. The integrated Driver IC (e.g., ILI9488) acts as the bridge between your microcontroller (MCU) and the liquid crystals. It contains internal GRAM (Graphics RAM) to store pixel data. #### B. Backlight Circuit The backlight usually requires a constant current. * **VLED+ / VLED-:** These pins power the LEDs. * **Caution:** Driving LEDs directly from 5V without a current-limiting resistor or a constant current driver can burn out the backlight. #### C. Interface Pins (FPC Connector) Most AVD035P modules use a 40-pin or 50-pin Flexible Printed Circuit (FPC). * **Data Bus (D0-D15):** Carries the image data. * **Control Pins:** * `CS`: Chip Select (Active Low). * `RS/DC`: Register Select / Data Control. * `WR/RD`: Write and Read strobes. * `RST`: Hardware Reset. --- ### 3. Connection Example (Arduino/ESP32) When connecting this electronic part to a microcontroller, logic level shifters are often required if the MCU operates at 5V, as the AVD035P is strictly a **3.3V device**. ```cpp // Example pin definition for an AVD035P SPI version #define TFT_CS 5 #define TFT_DC 2 #define TFT_RST 4 #define TFT_MOSI 23 #define TFT_SCLK 18 ``` --- ### 4. Selection Criteria If you are replacing or sourcing this part, pay attention to these electronic nuances: 1. **Pin Pitch:** Ensure the FPC connector pitch (e.g., 0.5mm) matches your PCB. 2. **Brightness (Nits):** Industrial versions usually offer >300 cd/m². 3. **Viewing Angle:** Standard TN panels have limited angles; IPS versions of the AVD035P offer much better color consistency.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the AVD035P backlight?
    • ⤷ Which libraries are best for driving the AVD035P with an ESP32?
    • ⤷ How do I distinguish between the SPI and Parallel versions of this module?