AVH-25LSFE0121604
AI

Based on the technical designation **AVH-25LSFE0121604**, this part number is associated with high-performance automotive and industrial **Electronic Fans / Cooling Modules** (often manufactured by companies like Delta Electronics or specialized Tier 1 suppliers).
---
### 1. Component Overview
This component is a **Brushless DC (BLDC) Cooling Fan Module**, typically designed for server racks, telecommunications, or automotive thermal management systems.
| Specification Category | Estimated Detail |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Voltage** | Likely 12V or 24V DC (Standard for automotive/industrial) |
| **Control Interface** | PWM (Pulse Width Modulation) for speed control |
| **Bearing Type** | Dual Ball Bearing (for high durability/longevity) |
| **Feedback** | Frequency Generator (Tachometer output) |
---
### 2. Breakdown of Electronic Parts
A module of this type consists of three primary electronic layers:
#### A. The Power Stage
* **MOSFETs:** A set of power transistors used to switch the current to the motor windings.
* **Filtering Capacitors:** Used to smooth out voltage ripples and handle back-EMF (Electromotive Force).
#### B. The Control Logic (The "Brain")
* **Microcontroller / ASIC:** A specialized chip that manages the commutation logic (switching the coils in the correct sequence).
* **Hall Effect Sensors:** These detect the position of the rotor magnets to ensure the electronics know when to fire each phase of the motor.
* **PWM Input Circuitry:** Interprets the signal from the host system to determine the target RPM.
#### C. Protection Circuitry
* **Locked Rotor Protection:** Automatically cuts power if the fan is physically obstructed to prevent fire or coil burnout.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are swapped.
* **Over-Current Protection:** Limits the current if the motor draws too much power.
---
### 3. Wiring Configuration
Usually, a 4-wire configuration is standard for these electronic cooling modules:
1. **Red (+):** DC Power Supply.
2. **Black (-):** Ground.
3. **Yellow/White (Tach):** Output signal sent back to the controller to report actual RPM.
4. **Blue/Green (PWM):** Input signal from the controller to set the desired speed.
---
### 4. Application Context
Given the "AVH" prefix and specific suffix, this part is often found in:
* **Active Cooling for ADAS Units:** High-speed computing modules in vehicles.
* **Server Cooling:** High static pressure environments.
* **Infotainment Systems:** Cooling the processors behind modern car dashboards.
- ⤷What is the specific voltage rating for the AVH-25LSFE model?
- ⤷ How do I test the PWM control signal on this fan module?
- ⤷ What is the life expectancy (MTTF) for this component?