AI

The model number **AVH-25LSFE1302604** refers to a specific variant of a **rotary encoder** or a **position sensor**, often used in automotive infotainment systems, household appliances (like washing machines or microwaves), and industrial control panels.
Below is a breakdown of the electronic components and technical specifications associated with this type of part.
---
### 1. Component Identification
This part is a **mechanical incremental rotary encoder**. Its primary function is to convert the physical rotation of a knob into digital electrical signals that a microcontroller can interpret to increase or decrease values (volume, temperature, time).
### 2. Technical Specifications
Typical characteristics for the **AVH** series include:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Incremental / Contacting |
| **Output** | 2-bit Gray Code (Phase A & B) |
| **Resolution** | 12 to 24 pulses per 360° rotation |
| **Switch Function** | Integrated Momentary Push-Switch |
| **Operating Voltage** | 5V DC (Logic Level) |
| **Rotational Life** | 15,000 to 30,000 cycles |
| **Mounting Type** | Through-hole (PCB Mount) |
---
### 3. Pinout Configuration
Most parts in this series feature a **5-pin layout**:
1. **Phase A (Signal):** Provides the first pulse for direction sensing.
2. **Common (Ground):** The center pin for the encoder signals.
3. **Phase B (Signal):** Provides the second pulse (offset by 90°).
4. **Switch Terminal 1:** For the "push-to-select" button.
5. **Switch Terminal 2:** For the "push-to-select" button.
---
### 4. Working Principle
The device operates on the **Quadrature Encoding** principle:
* As the shaft turns, internal metallic contacts brush against a coded disc.
* If Phase A leads Phase B, the system detects **clockwise** rotation.
* If Phase B leads Phase A, the system detects **counter-clockwise** rotation.
* The **"1302604"** suffix usually denotes specific physical dimensions, such as the shaft length (e.g., 13mm or 26mm) and the torque/detent feel (how "clicky" the knob feels).
---
### 5. Common Applications
* **Car Audio:** Volume control and menu navigation.
* **White Goods:** Selection dials on ovens and washing machines.
* **Test Equipment:** Adjusting voltage or frequency on oscilloscopes.
- ⤷
How do I test this encoder using a multimeter?
- ⤷ What is the difference between an incremental and an absolute encoder?
- ⤷ Can you provide a basic Arduino code snippet to read this part?