AVT175
AI

The **AVT175** is a classic DIY electronic project kit, widely known as a **Low-Power Stereo Amplifier**. It is based on the integrated circuit (IC) **TDA2822**, which is designed for portable radio and playback devices.
---
### 1. Core Component: TDA2822 IC
The heart of the AVT175 is the **TDA2822** (or its variant TDA2822M).
* **Type:** Dual Power Operational Amplifier.
* **Function:** It takes a weak audio signal (like from a phone or MP3 player) and amplifies it to drive small speakers.
* **Operating Voltage:** Typically 3V to 15V DC, making it ideal for battery-powered use.
---
### 2. Key Electronic Parts List
The kit consists of the following categories of components:
| Component Type | Part Value/Name | Function |
| :--- | :--- | :--- |
| **Integrated Circuit** | TDA2822 | The main stereo amplifier chip. |
| **Resistors** | 4.7 $\Omega$ | Part of the "Zobel Network" to ensure high-frequency stability. |
| **Electrolytic Caps** | 100µF - 470µF | AC coupling for output and power supply filtering. |
| **Ceramic Caps** | 100nF (0.1µF) | Decoupling and noise suppression. |
| **Potentiometer** | 2 x 10k$\Omega$ - 50k$\Omega$ | Volume control (usually logarithmic). |
| **Connectors** | Goldpin/Screw Terminals | Input signal, Power supply, and Speaker output. |
---
### 3. Circuit Sub-Systems
The AVT175 circuit is divided into three functional blocks:
1. **Input Stage:** Uses coupling capacitors to block DC voltage from the audio source, ensuring only the AC audio signal reaches the IC.
2. **Amplification Stage:** The TDA2822 increases the signal gain. The gain is usually fixed internally by the chip's architecture to minimize external part count.
3. **Output Stage:** Large electrolytic capacitors are used at the output to prevent DC current from damaging the speakers while allowing the amplified audio to pass through.
### 4. Technical Specifications
* **Output Power:** Approximately $2 \times 1W$ (at 9V into $8\Omega$ speakers).
* **Channel Count:** 2 (Stereo).
* **Distortion (THD):** ~0.2% at low power levels.
* **Quiescent Current:** Very low (~6-9mA), which preserves battery life.
---
### 5. Assembly Tips
* **Orientation:** Ensure the notch on the TDA2822 IC matches the symbol on the PCB.
* **Polarity:** Electrolytic capacitors are polarized; the stripe on the side indicates the negative (-) lead.
* **Heat:** While this IC doesn't get very hot at low voltages, ensure it has some airflow if running at the maximum 15V.
- ⤷What is the maximum speaker impedance recommended for the AVT175?
- ⤷ Can the AVT175 be bridged for a single mono output?
- ⤷ How do I reduce background noise in this specific amplifier circuit?