B-06-R-50
AI

The **B-06-R-50** generally refers to a specific type of **Pre-insulated Crimp Terminal** (specifically a Ring Tongue Terminal) used in electrical wiring and electronics assembly.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Component Specifications
The nomenclature of this part typically identifies its size, insulation type, and stud compatibility.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Terminal Type** | Ring Tongue | A circular metal loop for secure bolting/screwing. |
| **Insulation Material** | Vinyl (PVC) | Color-coded (Blue) to indicate wire gauge range. |
| **Wire Range** | 16–14 AWG | Designed for medium-thickness copper wiring. |
| **Cross Section** | 1.5 – 2.5 $mm^2$ | Metric equivalent for wire thickness. |
| **Stud Size** | #10 (approx. 5.0mm) | The diameter of the screw/bolt the ring fits over. |
| **Max Voltage** | 600V | Standard rating for building and industrial control wiring. |
| **Max Temperature** | 75°C (167°F) | Thermal limit of the PVC insulation. |
---
### 2. Physical Construction
The part is composed of three primary elements:
1. **Conductive Body:** Usually made of **High-Grade Electrolytic Copper**. It is often electro-tin plated to prevent corrosion and ensure maximum conductivity.
2. **Insulation Sleeve:** A "V" (Vinyl) sleeve that covers the crimp barrel. This prevents accidental short-circuiting between adjacent terminals.
3. **Butted Seam:** The barrel where the wire is inserted is typically brazed or butted. When crimped, it grips the wire strands to form a gas-tight mechanical connection.
---
### 3. Application & Installation
To ensure the electrical integrity of the **B-06-R-50**, the following steps are standard:
* **Stripping:** Remove approximately 1/4 inch of insulation from the wire.
* **Crimping:** Use a dedicated ratcheting crimp tool (color-coded with a blue dot) to compress the barrel onto the wire strands.
* **Connection:** Place the ring over a #10 stud and tighten a nut or screw over it. This provides more security than a "spade" or "fork" terminal because the wire cannot pull off the screw even if the screw becomes loose.
---
### 4. Part Number Breakdown
While brands may vary slightly, the code usually breaks down as follows:
* **B:** Indicates the wire range (Blue = 16-14 AWG).
* **06:** May refer to the series or barrel style.
* **R:** Stands for **Ring** shape.
* **50:** Refers to the stud size (5.0mm / #10).
- ⤷
What is the difference between a Ring terminal and a Spade terminal for this gauge?
- ⤷ What specific crimping tool is recommended for 16-14 AWG blue terminals?
- ⤷ Can these terminals be used in automotive or marine environments?