Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B-06-RTF-25

  • AI
    The **B-06-RTF-25** generally refers to a specific configuration of a micro-RC aircraft (often a drone or fixed-wing glider). In the context of RC electronics, "RTF" stands for **Ready-To-Fly**, and "25" often denotes a specific motor size, propeller diameter, or battery capacity. Below is a breakdown of the typical electronic components found in this class of device. --- ### Core Electronic Components | Component | Function | Specifications (Typical) | | :--- | :--- | :--- | | **Flight Controller (FC)** | The "brain" that processes sensor data and pilot inputs. | Integrated 6-axis Gyroscope/Accelerometer. | | **Electronic Speed Controller (ESC)** | Regulates the speed of the motor. | Usually integrated into the Main PCB (All-in-One). | | **Brushed/Brushless Motor** | Converts electrical energy into mechanical thrust. | Type: Coreless (Brushed) or 110x series (Brushless). | | **Receiver (RX)** | Receives signals from the remote control. | Protocol: 2.4GHz (FHSS or DSMX compatible). | | **LiPo Battery** | Provides power to the system. | 3.7V (1S) or 7.4V (2S) Lithium Polymer. | --- ### Detailed Technical Breakdown #### 1. Integrated Control Board (AIO) In most "B-06" series models, the electronics are not modular but are combined onto a single Printed Circuit Board (PCB). This reduces weight and includes: * **MCU (Microcontroller):** Usually an ARM-based chip (like STM32) to handle logic. * **Onboard Gyro:** Used for auto-leveling (6-axis stabilization), allowing beginners to fly without the plane stalling easily. #### 2. Power System * **Motors:** If it is a "25" variant, it likely uses **8520 Coreless motors** or small **1103 Brushless motors**. * **Propellers:** Usually 2-blade or 3-blade plastic props designed for high RPM. #### 3. Radio Frequency (RF) Module The "RTF" designation implies that a dedicated transmitter is included. The internal electronic part is a 2.4GHz transceiver chip that utilizes frequency hopping to prevent interference from other RC devices. #### 4. Charging Circuitry The package usually includes a USB charging board. This contains a **TP4056** or similar charging IC to regulate the voltage to exactly 4.2V for the LiPo cell, preventing overcharging. --- ### Wiring and Connectivity * **Connectors:** Usually uses **JST-PH 2.0** or **Molex PicoBlade** connectors for the battery and motors to allow for easy replacement without soldering. * **Servo Motors:** If this is a fixed-wing model, it will include micro-linear servos (1.5g to 2g) to move the rudder and elevators.
    ✨ Follow-up Questions
    • ⤷ What is the specific battery capacity (mAh) recommended for the B-06-RTF-25?
    • ⤷ Does this model use brushed or brushless motors?
    • ⤷ How do I bind the B-06-RTF-25 to a different transmitter?