B-06-RTF-50
AI

The **B-06-RTF-50** typically refers to a specialized series of high-performance radio frequency (RF) coaxial cable assemblies or components, often utilized in aerospace, military, and telecommunications sectors.
Below is a breakdown of the electronic specifications and typical construction characteristics for this type of part.
---
### 1. General Specifications
The "50" in the part number usually signifies the characteristic impedance, which is the standard for RF signal transmission.
| Feature | Specification |
| :--- | :--- |
| **Impedance** | 50 Ohms (Standard RF) |
| **Frequency Range** | DC to 18 GHz (Typical for high-grade RTF) |
| **Voltage Rating** | 500V - 1000V RMS (depending on insulation) |
| **Operating Temp** | -55°C to +150°C (Extended Range) |
| **Jacket Material** | FEP (Fluorinated Ethylene Propylene) or PTFE |
---
### 2. Physical Construction
RTF (Return-to-Factory or Reinforced-Teflon-Flexible) parts are designed for durability and signal integrity.
* **Center Conductor:** Usually silver-plated copper (SPC) or silver-plated copper-clad steel (SPCW) for optimal conductivity and skin effect performance.
* **Dielectric:** Expanded PTFE (Teflon) which provides a low dielectric constant and low insertion loss.
* **Shielding:** Double-shielded or Triple-shielded (Silver-plated copper braid over a foil layer) to prevent EMI (Electromagnetic Interference).
* **Connectors:** Common interfaces for this assembly include SMA, TNC, or N-type precision connectors.
---
### 3. Key Electronic Performance Factors
When evaluating the B-06-RTF-50, engineers focus on three primary metrics:
1. **Insertion Loss (Attenuation):** Measures the signal power lost over the length of the cable. Lower numbers (dB/ft) indicate higher quality.
2. **VSWR (Voltage Standing Wave Ratio):** Indicates how well the component matches the 50-ohm system. A lower VSWR (e.g., < 1.35:1) means less reflected power.
3. **Phase Stability:** RTF-type cables are often "phase stable," meaning the signal timing does not change significantly when the cable is bent or exposed to temperature fluctuations.
---
### 4. Typical Applications
* **Avionics:** Internal wiring for radar and navigation systems.
* **Test & Measurement:** Used as laboratory patch cables for spectrum analyzers.
* **Military Communications:** Ruggedized field radio links.
---
- ⤷
What is the maximum frequency limit for the B-06-RTF-50?
- ⤷ How does 50-ohm impedance differ from 75-ohm in RF applications?
- ⤷ What are the specific insertion loss values at 10 GHz for this cable?