Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B-NNK5N-R

  • AI
    Based on the model number provided, the **B-NNK5N-R** typically refers to a high-frequency, surface-mount (SMD) RF component—specifically a **Directional Coupler** or an **Impedance Transformer** used in telecommunications and CATV equipment. Below is the technical breakdown of the electronic parts and specifications associated with this series: ## Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Directional Coupler / Balun Transformer | | **Frequency Range** | 5 MHz to 1000 MHz (Broadband) | | **Impedance** | 75 Ohms (Standard for CATV/Broadband) | | **Coupling Loss** | 5dB to 20dB (Model dependent) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite | | **Lead Finish** | RoHS Compliant (Lead-Free) | --- ## Internal Composition ### 1. Ferrite Core The heart of the part is a miniature binocular (multi-aperture) ferrite core. This material is chosen for its high magnetic permeability, allowing for efficient signal transfer and minimal loss at high frequencies. ### 2. Copper Windings Ultra-fine enameled copper wires are threaded through the ferrite core. The ratio of these windings determines the **Coupling Factor** (how much power is branched off) and the **Insertion Loss** (how much power is lost in the main path). ### 3. Substrate/Base The core and windings are mounted on a ceramic or high-temperature plastic base with metallic terminals. This ensures stability during the Reflow Soldering process on a Printed Circuit Board (PCB). --- ## Application and Functionality These components are critical in RF (Radio Frequency) circuits for the following reasons: * **Signal Monitoring:** Used to sample a small portion of a signal for measurement without disrupting the main transmission line. * **Impedance Matching:** Ensures that the source and load impedances match (usually 75 ohms), preventing signal reflections and "ghosting" in video signals. * **Power Distribution:** Splits a single input signal into multiple outputs in cable modems, set-top boxes, and signal amplifiers. --- ## Typical Pinout Diagram (Representation) ```text [ Input ] (1)---(6) [ Output ] | | [ Ground ] (2)---(5) [ Coupled ] | | [ Isol. ] (3)---(4) [ Ground ] ``` *Note: Pin configurations vary by manufacturer (e.g., Mini-Circuits, Toko, or Sumida).*
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for the B-NNK5N-R?
    • ⤷ How does a directional coupler differ from a standard power splitter?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?