B152S
AI

The **B152S** is a common part number associated with high-voltage power components, most notably the **TOSHIBA B152S series Photorelays** or specialized high-voltage bridge rectifiers.
Below is a technical breakdown of the characteristics typically associated with the B152S in an electronic context.
---
### 1. Component Overview
The B152S is most frequently identified as a **Photorelay (Solid State Relay)** in a compact 4-pin or 6-pin SOP (Small Outline Package). It is designed to replace mechanical relays in high-voltage switching applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Photorelay / SSR |
| **Output Configuration** | 1-Form-A (Normally Open) |
| **Off-State Output Voltage** | 150V - 200V |
| **Continuous Load Current** | 150mA - 200mA |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **Package Style** | SOP4 / SOP6 |
---
### 2. Key Internal Elements
The device consists of three primary internal stages:
1. **Input Side (Infrared LED):** An AlGaAs infrared light-emitting diode. When current flows through this LED, it emits light.
2. **Isolation Gap:** A physical/optical barrier that ensures high voltage on the load side does not damage the low-voltage control circuit.
3. **Output Side (MOSFET):** A photo-diode array detects the light and triggers a pair of high-voltage MOSFETs to allow current to flow through the load.
---
### 3. Electrical Characteristics
If you are designing a circuit with the B152S, these parameters are critical:
* **Trigger LED Current ($I_{FT}$):** Usually around 3mA to 5mA. This is the minimum current needed to "close" the switch.
* **On-Resistance ($R_{ON}$):** Typically between 8$\Omega$ and 12$\Omega$. This dictates how much heat is generated during operation.
* **Output Capacitance ($C_{OUT}$):** Low capacitance allows for faster switching and less signal distortion in high-frequency applications.
---
### 4. Common Applications
The B152S is preferred in modern electronics because it has no moving parts, meaning no contact bounce and a much longer lifespan than mechanical relays.
* **Telecommunications:** Hook switching and dial pulsing.
* **Measurement Equipment:** Multiplexing and data acquisition systems.
* **Security Systems:** Sensor triggering and alarm outputs.
* **Industrial Control:** Interfacing between microcontrollers and high-voltage actuators.
---
### 5. Equivalent/Alternative Parts
If the B152S is unavailable, the following series often serve as functional equivalents depending on the specific package and voltage requirements:
* **Panasonic:** AQY series (e.g., AQY212S)
* **Omron:** G3VM series (e.g., G3VM-201G1)
* **Toshiba:** TLP series (e.g., TLP172G)
- ⤷
What is the pinout configuration for the B152S SOP4 package?
- ⤷ Can the B152S handle AC loads or is it DC only?
- ⤷ How does the on-resistance of a B152S compare to a mechanical relay?