Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B15GT

  • AI
    The **B15GT** typically refers to a specific series of high-performance **NPN Epitaxial Silicon Transistors**, commonly used in power amplification and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The B15GT (often part of the 2SB or KSB series nomenclature, specifically the **KSB1151** or similar variants depending on the manufacturer) is designed for high-current applications where a low saturation voltage is required. ### Key Features | Feature | Description | | :--- | :--- | | **Type** | PNP/NPN Epitaxial Silicon Transistor | | **Package Type** | Typically TO-126 or TO-251 (IPAK) | | **Main Application** | Power switching, DC-DC converters, Voltage regulators | | **Highlight** | High current capacity and low collector-emitter saturation voltage | --- ## 2. Technical Specifications While exact specs can vary slightly by manufacturer (such as ON Semiconductor or Fairchild), the general parameters for a B15GT-class transistor are: ### Maximum Ratings ($T_a = 25^\circ C$) | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 60 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Dissipation | $P_C$ | 1.3 - 20 | W (with heatsink) | --- ## 3. Pinout Configuration The standard pinout for the TO-126/TO-251 package (facing the printed side) is as follows: 1. **Pin 1: Emitter (E)** - Current exits the transistor. 2. **Pin 2: Collector (C)** - Connected to the load. 3. **Pin 3: Base (B)** - Controls the gate/triggering of the transistor. --- ## 4. Typical Applications * **Audio Amplifiers:** Used in the output stage for driving speakers due to high $I_C$. * **Relay Drivers:** Capable of switching heavy inductive loads. * **Power Management:** Acts as a pass transistor in linear voltage regulators. * **Motor Control:** Small DC motor speed control via PWM. --- ## 5. Equivalent Replacement Parts If the B15GT is unavailable, the following parts are often considered functional equivalents (check datasheets for voltage/current alignment): ```markdown 1. 2SB1151 (Direct cross-reference) 2. TIP32C (General purpose alternative, slightly different form factor) 3. MJE210 (Lower power alternative) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the B15GT and the TIP32C in terms of heat dissipation?
    • ⤷ Can I use a B15GT in a 12V automotive circuit?
    • ⤷ What is the specific saturation voltage for this transistor at 2A?