B1C-R/
AI

Based on the technical designation and common industrial electronics nomenclature, the **B1C-R** typically refers to a specific series of high-performance **Magnetic Proximity Sensors** or **Limit Switches** often used in automation and pneumatic systems.
---
### 1. Core Technical Specifications
The B1C-R is designed to detect the position of a piston within a cylinder or a moving mechanical component.
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch or Solid State Hall Effect |
| **Output Type** | Normally Open (NO) |
| **Voltage Range** | 5V - 240V AC/DC (model dependent) |
| **Switching Current** | 100mA max |
| **Indication** | LED Indicator (usually Red) |
| **Connection** | 2-wire or 3-wire PVC cable |
---
### 2. Key Internal Components
The "R" suffix usually denotes a **Reed Switch** mechanism. Here is a breakdown of the electronic parts inside:
* **Reed Switch Capsule:** Two ferromagnetic blades hermetically sealed in a glass tube. They close when a magnetic field (from a cylinder piston) is present.
* **Protection Circuit:** Often includes a **Varistor** or a **Zener Diode** to protect the internal contacts from voltage spikes (EMF) caused by inductive loads.
* **LED Circuit:** A surface-mount LED and a current-limiting resistor allow for visual confirmation of the "ON" state.
* **Housing:** Usually made of Polyamide (PA) or specialized plastic to provide IP67-rated protection against water and oil.
---
### 3. Wiring Configuration
Depending on the specific sub-model, the wiring typically follows standard industrial colors:
1. **Brown Wire:** Positive (+) / Line
2. **Blue Wire:** Negative (-) / Neutral
3. **Black Wire (if 3-wire):** Output signal to PLC or Relay
---
### 4. Application Areas
* **Pneumatic Cylinders:** Monitoring the extension/retraction of pistons.
* **Robotics:** End-of-travel detection for robotic arms.
* **Packaging Machinery:** Synchronizing conveyor belt movements.
- ⤷
What is the maximum switching frequency for the B1C-R sensor?
- ⤷ How do I wire a 2-wire B1C-R sensor to a PLC input?
- ⤷ What are the primary differences between the B1C-R and the B1C-P models?