Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B560CL-SMC-R

  • AI
    The **B560CL-SMC-R** is an industrial-grade motherboard, typically utilized in signage, kiosks, or embedded computing systems. It is based on the Intel® B560 chipset and designed for the LGA1200 socket. Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Architecture & Chipset The board is built around the **Intel B560 Chipset**, which acts as the communications hub between the CPU and peripheral devices. | Component | Specification | | :--- | :--- | | **CPU Socket** | LGA1200 (Supports 10th & 11th Gen Intel Core i3/i5/i7/i9) | | **Chipset** | Intel B560 | | **Form Factor** | Thin Mini-ITX (commonly used in "SMC" or Small Form Factor builds) | --- ### 2. Power Delivery & Management Because this board is often used in embedded systems (indicated by the "SMC" suffix), its power delivery system is specialized: * **DC-IN Power:** Unlike standard ATX boards, these often feature a 12V or 19V DC jack for external power adapters. * **Solid Capacitors:** Uses high-durability capacitors to ensure stability under 24/7 thermal stress. * **Voltage Regulator Modules (VRM):** Multi-phase VRM to handle the power requirements of 11th Gen processors which have higher peak current draws. --- ### 3. Memory and Storage Interface The "CL" designation often refers to specific configurations for industrial reliability. | Part Type | Description | | :--- | :--- | | **RAM Slots** | 2x DDR4 SO-DIMM (Laptop style) up to 3200MHz | | **SATA Ports** | 2x SATA III (6Gb/s) for traditional SSD/HDD | | **M.2 Slots** | 1x M.2 Key-M (NVMe Gen 4 support with 11th Gen CPU) | | **Expansion** | 1x M.2 Key-E (typically for Wi-Fi/Bluetooth modules) | --- ### 4. I/O and Connectivity The "R" in the model name often signifies a specific Revision or a focus on "Rear" I/O density. * **Display Output:** Usually features HDMI and DisplayPort (DP), supporting 4K resolutions. * **Networking:** Integrated Realtek or Intel Gigabit Ethernet (GbE) controller. * **USB Components:** USB 3.2 Gen 1 and Gen 2 headers for high-speed data transfer. * **Audio:** Integrated Realtek High Definition Audio Controller. --- ### 5. Technical Identification Summary ```json { "Model": "B560CL-SMC-R", "Chipset_Type": "B560", "Socket": "LGA1200", "Application": "Industrial/Digital Signage/SFF", "PCIe_Support": "PCIe 4.0 (CPU Dependent)" } ```
    ✨ Follow-up Questions
    • ⤷ Does this motherboard support ECC memory for industrial use?
    • ⤷ What is the maximum TDP rating for CPUs compatible with the B560CL-SMC-R?
    • ⤷ Can this board be powered by a standard 24-pin ATX power supply?