B65716-L-R30
AI

The part number **B65716-L-R30** refers to a high-quality **Ferrite Core** manufactured by TDK Electronics (formerly EPCOS). It belongs to the **PQ core** series, which is specifically designed for high-density power applications.
---
### 1. Technical Specifications
The part number is encoded with specific technical meanings. Below is a breakdown of its physical and magnetic properties:
| Feature | Specification |
| :--- | :--- |
| **Core Shape** | PQ 50/50 |
| **Material Type** | N30 (High Permeability Manganese Zinc) |
| **Magnetic Path Length ($l_e$)** | ~113 mm |
| **Effective Cross Section ($A_e$)** | ~328 mm² |
| **Effective Volume ($V_e$)** | ~37200 mm³ |
| **AL Value** | ~7500 nH (approx. based on N30 material) |
---
### 2. Detailed Component Breakdown
#### A. The "PQ" Shape
The PQ (Power Quality) geometry is optimized for Switched-Mode Power Supplies (SMPS).
* **Space Efficiency:** It offers a better ratio of volume to winding area compared to E-cores.
* **Shielding:** The shape provides better magnetic shielding than standard toroids or E-cores, reducing Electromagnetic Interference (EMI).
* **Heat Dissipation:** The round center post allows for easy winding and efficient cooling.
#### B. Material: N30
The **N30** material designation indicates a Manganese Zinc (MnZn) ferrite.
* **High Permeability:** This material is designed for high inductance with fewer wire turns.
* **Frequency Range:** Ideal for applications operating in the lower to medium frequency range (up to ~400 kHz).
* **Temperature Stability:** It maintains magnetic stability over a wide temperature range, typical for industrial power electronics.
---
### 3. Common Applications
This specific core is typically used in heavy-duty power electronics, including:
1. **SMPS Transformers:** Main power transformers for AC/DC converters.
2. **Power Inductors:** Used in DC/DC converters for energy storage.
3. **EMI Filters:** High-inductance chokes for suppressing line noise.
4. **Inverters:** Solar power inverters and uninterruptible power supplies (UPS).
---
### 4. Mounting and Accessories
To create a complete functional component, the B65716 core usually requires:
* **Bobbin (Coil Former):** Usually a plastic frame (e.g., B65717 series) to hold the copper windings.
* **Clamps/Yokes:** Stainless steel clips to hold the two halves of the core together securely.
- ⤷
What are the specific dimensions of the PQ 50/50 core?
- ⤷ How does the N30 material compare to N87 or N97 for high-frequency use?
- ⤷ Which bobbin part number is compatible with the B65716 core?