B65735-J-R87
AI

The part number **B65735-J-R87** refers to a high-performance **Ferrite Core** manufactured by **TDK Electronics (formerly EPCOS)**. Specifically, this part is an **ER 35/21/11 core** made from **N87 material**.
Below is a detailed breakdown of its specifications and electronic properties.
### 1. Technical Specifications
| Property | Value / Description |
| :--- | :--- |
| **Manufacturer** | TDK Electronics (EPCOS) |
| **Core Shape** | ER (E-Round) Core |
| **Material Grade** | N87 (Power Material) |
| **Core Size** | 35 mm (Width) x 21 mm (Height) x 11 mm (Depth) |
| **Magnetic Path Length ($l_e$)** | 89.6 mm |
| **Effective Area ($A_e$)** | 107 $mm^2$ |
| **Effective Volume ($V_e$)** | 9590 $mm^3$ |
| **Initial Permeability ($\mu_i$)** | 2200 ± 25% |
---
### 2. Material Properties: N87
The **N87** material is a Manganese-Zinc (MnZn) ferrite designed primarily for power applications. Its characteristics include:
* **Frequency Range:** Optimized for power transformers operating up to approximately **500 kHz**.
* **Low Core Loss:** It is engineered for low power dissipation, particularly at temperatures around **100°C**, which is the typical operating point for power electronics.
* **Saturation Flux Density:** High saturation induction (approx. 490 mT at 25°C), making it suitable for high-power density designs.
---
### 3. Core Design (ER Shape)
The **ER (E-Round)** shape is a hybrid between a standard E-core and a Pot core.
* **Round Center Post:** The "R" in ER signifies a round center limb. This is beneficial because it allows for easier winding of copper wire (especially thick wire or litz wire) and reduces the length of the turn, which lowers **DC resistance (DCR)**.
* **Compact Footprint:** It provides a good balance between volume, winding area, and surface area for heat dissipation.
---
### 4. Common Applications
Due to its N87 power material and ER shape, this part is commonly used in:
1. **Switch-Mode Power Supplies (SMPS):** Main transformers or output chokes.
2. **DC-DC Converters:** High-frequency power conversion in automotive or industrial settings.
3. **Inductors:** Storage or filter inductors requiring high energy storage.
4. **Telecommunications:** Power modules requiring compact magnetic components.
---
### 5. Accessory Information
To use the B65735-J-R87 core, you typically need two core halves (the part number usually refers to one half) and a corresponding bobbin (coil former).
```markdown
Typical Accessories:
- Bobbin Part Number: B65736 (available in horizontal or vertical SMD/THT)
- Yoke/Clips: For mechanical fastening of the two core halves.
```
---
- ⤷
What are the core loss differences between N87 and N97 materials?
- ⤷ How do I calculate the AL value for this specific core?
- ⤷ Which bobbins are compatible with the ER 35/21/11 core size?