Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B65738-L-R65

  • AI
    The part number **B65738-L-R65** refers to a specific ferrite core set manufactured by **TDK Electronics (formerly EPCOS)**. This component belongs to the **PM (Pot Core Module)** series, specifically the PM 74/59 size. --- ### 1. Technical Specifications The part number is a combination of the core geometry and the specific material properties. | Parameter | Specification | |:---|:---| | **Core Shape** | PM (Pot Core Module) | | **Size Designation** | PM 74/59 | | **Material Grade** | N65 | | **Initial Permeability ($\mu_i$)** | ~1300 (Temperature stable) | | **Core Factor ($\Sigma l/A$)** | 0.25 $mm^{-1}$ | | **Effective Volume ($V_e$)** | 79000 $mm^3$ | | **Effective Length ($l_e$)** | 140 mm | | **Effective Area ($A_e$)** | 565 $mm^2$ | --- ### 2. Breakdown of the Part Number To understand the component, we can deconstruct the TDK/EPCOS coding system: * **B65738**: Identifies the physical size and shape (PM 74/59). * **L**: Indicates the specific mechanical variation or "half" of the core set. * **R65**: Indicates the ferrite material **N65**. This material is optimized for high-frequency power applications, specifically designed for low losses at frequencies ranging from 100 kHz to 500 kHz. --- ### 3. Key Applications Because of its large size and high power handling capabilities, the PM 74/59 series is commonly found in: 1. **High-Power Transformers:** Used in industrial power supplies and SMPS (Switched-Mode Power Supplies). 2. **Renewable Energy:** High-frequency inverters for solar and wind power conversion. 3. **Inductors:** Power factor correction (PFC) chokes for high-current applications. 4. **Telecom Power:** Large-scale DC/DC converters. --- ### 4. Complementary Accessories A functional transformer or inductor using this core typically requires additional parts: | Accessory | Part Number Series | |:---|:---| | **Coil Former (Bobbin)** | B65739... | | **Mounting Assembly** | B65739-A... (includes clips/screws) | --- ### 5. Material Characteristics (N65) The **N65** material is a Manganese-Zinc (MnZn) ferrite. Its primary advantage is its **low power loss** characteristics, particularly in the high-frequency range, which helps in reducing the heat generated during operation and improving overall efficiency.
    ✨ Follow-up Questions
    • ⤷ What are the saturation flux density limits for the N65 material?
    • ⤷ Are there specific bobbins recommended for the PM 74/59 core size?
    • ⤷ How does N65 material compare to N87 for high-power applications?