B65805-P-R87
AI

The part number **B65805-P-R87** refers to a high-quality **RM6 ferrite core** manufactured by **TDK Electronics (formerly EPCOS)**. These components are essential in the design of compact transformers and inductors for power electronics.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by TDK/EPCOS to define the shape, size, and material properties.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Core Shape** | RM6 (Rectangular Modulus) | Optimized for high packing density on PCBs. |
| **Material Grade** | N87 | A power material designed for frequencies up to 500 kHz. |
| **AL Value** | 2000 nH (approx.) | Inductance factor (varies by air gap; 'P' indicates ungapped). |
| **Core Set** | 2 halves | Sold as individual pieces (two required for a set). |
| **Effective Volume** | 840 $mm^3$ | Space available for magnetic flux. |
---
## 2. Material Properties (N87 Grade)
The **N87** material is a Manganese-Zinc (MnZn) ferrite specifically engineered for low power loss in switch-mode power supplies.
* **Saturation Flux Density:** High ($B_s \approx 490$ mT at 25°C).
* **Curie Temperature:** $> 210$ °C (ensures stability at high temperatures).
* **Optimal Frequency Range:** 25 kHz to 500 kHz.
* **Typical Use:** Power transformers, storage chokes, and DC/DC converters.
---
## 3. Physical Attributes
### Design Benefits
* **RM Design:** The "Rectangular Modulus" shape allows for integrated pins in the bobbin, making it ideal for automated surface mount (SMD) or through-hole (THT) assembly.
* **Center Hole:** Features a center hole that can accommodate a threaded core (slug) for fine-tuning inductance if necessary.
### Complementary Accessories
To create a complete functional component, the B65805-P-R87 usually requires:
1. **Coil Former (Bobbin):** Holds the wire windings (e.g., B65806 series).
2. **Clamps/Clips:** To hold the two core halves together securely.
---
## 4. Common Applications
Due to its N87 power material, this core is predominantly found in:
* **Switched-Mode Power Supplies (SMPS):** Small AC/DC adapters.
* **Telecommunications:** Signal transformers and broadband transformers.
* **Industrial Electronics:** DC/DC converters for sensors and controllers.
- ⤷
What is the difference between N87 and N97 material for RM6 cores?
- ⤷ Which bobbins and clips are compatible with the B65805-P-R87?
- ⤷ How does an air gap affect the AL value of this specific core?