Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B65813-P-R49

  • AI
    ### Technical Overview of B65813-P-R49 The **B65813-P-R49** is a specific type of **Ferrite Core** manufactured by TDK Electronics (formerly EPCOS). It belongs to the **RM (Rectangular Modul)** core family, specifically the RM10 size. These cores are designed for high-density packing and efficient power or signal transformation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core Shape** | RM10 (Rectangular Modul) | | **Material Grade** | N49 | | **AL Value** | Inductance factor varies by air gap (usually high permeability) | | **Magnetic Path Length ($l_e$)** | Approx. 44.6 mm | | **Effective Volume ($V_e$)** | Approx. 4150 mm³ | | **Effective Area ($A_e$)** | Approx. 93 mm² | | **Manufacturer** | TDK / EPCOS | --- ### 2. Deep Dive into Component Characteristics #### A. Material: N49 The suffix **R49** indicates that the core is made from **N49 material**. This is a power ferrite material optimized for: * **High Frequency:** Operates efficiently in the range of 300 kHz up to 1 MHz. * **Low Losses:** Engineered to minimize power dissipation (core loss) at high frequencies. * **Temperature Stability:** Maintains magnetic properties across a standard industrial temperature range. #### B. Shape: RM10 (B65813 Series) The RM (Rectangular Modul) shape offers several advantages over standard toroids or E-cores: 1. **Space Efficiency:** The rectangular base allows for tight PCB placement. 2. **Self-Shielding:** The design partially encloses the winding, reducing Electromagnetic Interference (EMI). 3. **Integrated Pins:** Usually used with a bobbin (coil former) that has integrated pins for through-hole mounting. --- ### 3. Application Use Cases This component is typically found in high-performance power electronics: * **DC/DC Converters:** Used in resonant circuit topologies where high frequency and low loss are critical. * **Signal Transformers:** For high-precision telecommunications equipment. * **Inductors:** High-Q inductors where stable inductance over frequency is required. --- ### 4. Hardware Assembly To use the B65813-P-R49 in a design, you generally require: 1. **Core Halves:** It takes two pieces to make a complete set. 2. **Bobbin (Coil Former):** To hold the copper wire. 3. **Clamps/Clips:** To hold the two core halves together tightly to avoid air gap inconsistencies.
    ✨ Follow-up Questions
    • ⤷ What are the compatible bobbins and accessories for the RM10 core series?
    • ⤷ How does N49 material compare to N87 or N97 for power applications?
    • ⤷ What is the specific saturation flux density (Bs) for this material at 100°C?