Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • B65819-P-R49

  • AI
    The part number **B65819-P-R49** refers to a high-quality **Ferrite Core** manufactured by **TDK Electronics (formerly EPCOS)**. Specifically, it belongs to the **PM (Pot Core Module)** series, which is designed for high-power applications. --- ### 1. Technical Specifications The code describes the physical and magnetic properties of the core. | Parameter | Specification | | :--- | :--- | | **Core Type** | PM 74/59 (Large Pot Core) | | **Material Grade** | N49 | | **Initial Permeability ($\mu_i$)** | ~1500 | | **Effective Volume ($V_e$)** | 73300 $mm^3$ | | **Magnetic Path Length ($l_e$)** | 128 mm | | **Core Factor ($\Sigma l/A$)** | 0.20 $mm^{-1}$ | | **Weight** | Approx. 450g per set | ### 2. Breakdown of the Part Number * **B65819**: The series identifier for the **PM 74/59** size. * **P**: Indicates the shape (Pot Core/PM type). * **R49**: Specifies the **N49 Material**. ### 3. Material Characteristics (N49) The **N49** material is a Manganese-Zinc (MnZn) power ferrite optimized for: * **High Frequency:** Operates efficiently in the **300 kHz to 1 MHz** range. * **Low Losses:** Designed to minimize power dissipation at high frequencies. * **Applications:** Ideal for high-frequency power transformers and switch-mode power supplies (SMPS). --- ### 4. Key Applications Because of its size and power handling capabilities, this core is typically used in: 1. **Industrial SMPS:** High-wattage power converters. 2. **Solar Inverters:** Converting DC from panels to AC for the grid. 3. **Inductive Heating:** High-frequency resonant circuits. 4. **Telecom Power:** DC-DC converters for telecommunications infrastructure. ### 5. Essential Accessories To use this core in a functional transformer or inductor, you typically need: * **Coil Formers (Bobbins):** To hold the copper windings. * **Mounting Assembly:** To clamp the two halves of the core together. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between N49 and N87 material grades?
    • ⤷ How do I calculate the Al value for this specific core?
    • ⤷ What are the dimensions of the PM 74/59 core shape?