B772SS-X-AE3-R
AI

The **B772SS-X-AE3-R** is a specific variant of a PNP epitaxial silicon transistor, commonly known as the **2SB772**. This component is designed for applications requiring high current and low saturation voltage.
---
## 1. Part Number Breakdown
Understanding the suffix codes helps identify the packaging and electrical grading:
| Component | Description |
| :--- | :--- |
| **B772** | The base part number (PNP Transistor). |
| **SS** | Low Voltage / High Current High-Speed switching variant. |
| **X** | Represents the **hFE (Gain)** classification (typically 60–400, depending on the specific range code). |
| **AE3** | Package type, typically referring to the **SOT-23** surface-mount package. |
| **R** | Packaging style (Tape & Reel). |
---
## 2. Key Technical Specifications
Below are the typical absolute maximum ratings for this transistor:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -40 V |
| Collector-Emitter Voltage | $V_{CEO}$ | -30 V |
| Emitter-Base Voltage | $V_{EBO}$ | -5 V |
| Collector Current (DC) | $I_C$ | -3 A |
| Collector Current (Pulse) | $I_{CP}$ | -7 A |
| Collector Dissipation | $P_C$ | 350 mW (Package dependent) |
| Junction Temperature | $T_j$ | +150 °C |
---
## 3. Core Features
* **High Collector Current:** Capability to handle up to 3A DC, which is very high for a small surface-mount package.
* **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.5V$ at $I_C = -2A$, which ensures high efficiency and low heat generation.
* **Complementary Pair:** Often used alongside the **D882 (NPN)** for push-pull amplification stages.
* **Excellent Linearity:** Suitable for audio frequency power amplification.
---
## 4. Typical Applications
1. **Voltage Regulation:** Used in linear regulators for power management.
2. **Relay/Motor Driving:** Capable of switching inductive loads due to high current capacity.
3. **Audio Amplifiers:** Used in the output stage of small portable audio devices.
4. **DC-DC Converters:** Employed in switching circuits where low loss is critical.
---
## 5. Pin Configuration (SOT-23)
In the SOT-23 (AE3) package, the pinout is usually standard, but always verify with the manufacturer datasheet:
1. **Base (B)**
2. **Emitter (E)**
3. **Collector (C)**
---
- ⤷What is the difference in power dissipation between the SOT-23 (AE3) and TO-126 versions of the B772?
- ⤷ How do I choose the correct hFE rank (X
- ⤷ R
- ⤷ O
- ⤷ Y) for my circuit design?
- ⤷ Can this transistor be used directly with a 5V microcontroller logic signal?