B84142-B25-R
AI

The **B84142-B25-R** is a high-performance **2-line EMC (Electromagnetic Compatibility) Filter** manufactured by TDK Electronics (formerly EPCOS). It is designed to suppress electromagnetic interference (EMI) in single-phase power supply systems.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | TDK / EPCOS |
| **Series** | B84142 |
| **Rated Voltage** | 250 V AC/DC (50/60 Hz) |
| **Rated Current** | 25 A (at 40°C) |
| **Number of Lines** | 2 (Single-Phase) |
| **Test Voltage** | 1414 V DC (Line to Line), 2700 V DC (Line to Case) |
| **Mounting Type** | Chassis Mount |
| **Termination Style** | Threaded Studs / Screw Terminals |
---
### ## Key Electronic Components & Construction
The internal circuit of the B84142-B25-R typically follows a **Pi-filter (π)** or a multi-stage LC network topology. It consists of the following electronic parts:
1. **Current-Compensated Chokes (Inductors):**
* These are wound on a high-permeability ferrite core.
* **Function:** They provide high impedance to common-mode noise (interference occurring on both lines relative to ground) while allowing the power current to pass through.
2. **X2 Capacitors:**
* Connected across the line (L) and neutral (N).
* **Function:** They suppress differential-mode noise (interference between the two lines).
3. **Y2 Capacitors:**
* Connected between the lines and the metal housing (ground).
* **Function:** They shunt high-frequency common-mode noise to the ground. These are safety-rated to ensure low leakage current.
4. **Discharge Resistor:**
* Often integrated across the X2 capacitors.
* **Function:** Safely discharges the energy stored in the capacitors once power is disconnected to prevent electric shock.
---
### ## Applications
This specific filter is commonly found in industrial electronics where high current and reliability are required:
* **Variable Speed Drives (VSDs):** Reducing switching noise from motor controllers.
* **Power Supplies:** Switched-mode power supplies (SMPS) for industrial PCs.
* **Medical Equipment:** Ensuring low electromagnetic emissions in sensitive environments.
* **Automation:** Protecting PLC systems from grid disturbances.
---
### ## Mechanical & Safety Features
* **Housing:** Compact metal case providing excellent internal shielding.
* **Climatic Category:** IEC 60068-1 (25/100/21), meaning it operates from -25°C to +100°C.
* **Compliance:** UL/CSA and ENEC approvals for global safety standards.
- ⤷
What is the difference between common-mode and differential-mode noise in this filter?
- ⤷ How do I calculate the leakage current for the B84142-B25-R?
- ⤷ Are there specific mounting orientations required for heat dissipation?