Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BAS20WS-T3

  • AI
    ## Technical Overview of BAS20WS-T3 The **BAS20WS-T3** is a high-speed switching diode designed in a surface-mount package. It is primarily used for high-speed switching applications and signal processing where space-saving and low capacitance are critical. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the BAS20WS-T3: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Continuous Reverse Voltage** | $V_R$ | 200 | V | | **Forward Current** | $I_F$ | 200 | mA | | **Reverse Recovery Time** | $t_{rr}$ | 50 | ns | | **Power Dissipation** | $P_D$ | 200 | mW | | **Package Type** | - | SOD-323 | - | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Functional Features * **High Voltage Capability:** Unlike standard signal diodes (like the 1N4148 which is usually 75V-100V), the BAS20WS can handle up to **200V**, making it suitable for circuits with higher voltage swings. * **Fast Switching:** With a reverse recovery time ($t_{rr}$) of 50ns, it can efficiently toggle between conducting and non-conducting states at high frequencies. * **Compact Footprint:** The **SOD-323** package is extremely small, allowing for high-density PCB layouts in portable electronics. * **Low Capacitance:** Minimizes signal distortion in high-frequency paths. --- ### 3. Common Applications Due to its high voltage rating and fast response, this part is commonly found in: 1. **General Purpose Switching:** Turning signals on and off in digital circuits. 2. **Reverse Polarity Protection:** Protecting sensitive low-current components from incorrect battery insertion. 3. **Signal Clamping:** Limiting the voltage level of a signal to prevent damage to downstream components (like MCU pins). 4. **High-Speed Rectification:** Converting high-frequency AC signals to DC in small power supplies or RF detectors. --- ### 4. Typical Marking and Orientation The physical component usually features a "K" or specific alphanumeric code on the body. * **Cathode Band:** A bar or line on the package indicates the Cathode side. * **Tape and Reel:** The "T3" suffix usually indicates the packaging style (13-inch reel), whereas "T1" would typically refer to a 7-inch reel.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between BAS20WS and the standard 1N4148 diode?
    • ⤷ Can this diode be used for high-power rectification tasks?
    • ⤷ What is the importance of the SOD-323 package in modern PCB design?