BAT54A-AL3-R
AI

The **BAT54A-AL3-R** is a specific variant of the popular BAT54 series of Schottky Barrier Diodes. It is widely used in electronics for high-speed switching and circuit protection due to its low forward voltage drop and fast recovery time.
---
### 1. Component Identification
The part number can be broken down to understand its specific configuration:
| Part Segment | Meaning |
| :--- | :--- |
| **BAT54** | Base model (Schottky Barrier Diode) |
| **A** | Configuration: **Common Anode** (Two diodes with anodes connected) |
| **AL3** | Package Type: Typically refers to **SOT-23** (Standard 3-pin surface mount) |
| **R** | Packaging: **Tape & Reel** (Standard for automated assembly) |
---
### 2. Internal Configuration
The "A" suffix indicates a **Common Anode** arrangement. In a 3-pin SOT-23 package, the internal circuit looks like this:
* **Pin 1:** Cathode 1 ($K_1$)
* **Pin 2:** Cathode 2 ($K_2$)
* **Pin 3:** Common Anode ($A_{1,2}$)
---
### 3. Key Technical Specifications
Below are the typical electrical characteristics for the BAT54A series:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Continuous Reverse Voltage** | $V_R$ | 30V (Max) |
| **Forward Current** | $I_F$ | 200mA |
| **Forward Voltage Drop** | $V_F$ | ~0.32V @ 1mA / ~1.0V @ 100mA |
| **Reverse Recovery Time** | $t_{rr}$ | 5ns |
| **Power Dissipation** | $P_D$ | 200mW - 250mW |
| **Operating Temperature** | $T_j$ | -55°C to +125°C |
---
### 4. Major Applications
Because of its small footprint and dual-diode nature, the BAT54A-AL3-R is commonly used for:
1. **Signal Clamping:** Protecting sensitive IC inputs from overvoltage or negative transients.
2. **Reverse Polarity Protection:** Protecting low-power circuits from battery reversal.
3. **Ultra High-Speed Switching:** Used in logic circuits where fast state transitions are required.
4. **Voltage Doublers:** The dual-diode setup is ideal for small voltage multiplier circuits.
---
### 5. Advantages of the BAT54A
* **Low $V_F$:** Minimizes power loss compared to standard silicon diodes ($0.7V$).
* **Fast Switching:** Schottky technology allows for nanosecond recovery times.
* **Space Saving:** Two diodes in a single SOT-23 package reduces PCB real estate.
- ⤷
What is the difference between BAT54A
- ⤷ BAT54C
- ⤷ and BAT54S?
- ⤷ How do I calculate the power dissipation of this diode in my circuit?
- ⤷ Can this diode be used for high-current power rectification?