BAV20WSFL
AI

## Overview of BAV20WSFL
The **BAV20WSFL** is a High-Speed Switching Diode designed for surface mount applications. It is commonly used in high-speed switching circuits where small form factors and reliability are critical.
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the BAV20WSFL:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Reverse Voltage (Peak)** | $V_{RRM}$ | 200 | V |
| **Continuous Forward Current** | $I_F$ | 200 | mA |
| **Reverse Recovery Time** | $t_{rr}$ | 50 | ns |
| **Power Dissipation** | $P_d$ | 200 | mW |
| **Forward Voltage Drop** | $V_F$ | 1.0 (at 100mA) | V |
| **Operating Temperature** | $T_j$ | -55 to +150 | °C |
---
### 2. Physical Characteristics
The BAV20WSFL is housed in a very compact package, making it ideal for modern, high-density PCB designs.
* **Package Type:** SOD-323FL (Small Outline Diode - Flat Lead).
* **Pinout:**
1. **Cathode:** Indicated by a band on the body.
2. **Anode:** The opposite terminal.
* **Mounting Type:** Surface Mount (SMD).
---
### 3. Core Features and Applications
#### Features
* **High Switching Speed:** The low reverse recovery time ($t_{rr}$) allows the diode to transition from a conducting state to a blocking state very quickly.
* **High Voltage Rating:** Capable of handling up to 200V, providing a safety margin in various electronic circuits.
* **Flat Lead Design:** The "FL" suffix indicates a flat lead package which offers a lower profile and better thermal performance compared to standard SOD-323.
#### Common Applications
1. **Signal Logic:** Used in high-speed logic switching.
2. **General Purpose Rectification:** Converting small AC signals to DC.
3. **Protection Circuits:** Clamping high-voltage spikes to protect sensitive IC components.
4. **Automotive & Industrial:** Due to its robust temperature range.
---
### 4. Typical Circuit Symbol
In a schematic, the BAV20WSFL is represented by the standard diode symbol:
```text
Cathode (-) Anode (+)
| | /|
<-----| |---------------| |-----
| | \|
```
- ⤷
What is the difference between SOD-323 and SOD-323FL packages?
- ⤷ How does the reverse recovery time affect high-frequency performance?
- ⤷ Can the BAV20WSFL be used for power rectification?