Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BC414C

  • AI
    ## BC414C NPN General Purpose Transistor The **BC414C** is a silicon NPN epitaxial planar transistor specifically designed for low-noise, high-gain applications. It is commonly found in audio pre-amplifiers and signal processing circuits. --- ### 1. Key Specifications The following table outlines the absolute maximum ratings and primary electrical characteristics: | Characteristic | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | - | NPN | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | 45 | V | | **Collector-Base Voltage** | $V_{CBO}$ | 50 | V | | **Collector Current (DC)** | $I_C$ | 100 | mA | | **Power Dissipation** | $P_{tot}$ | 300 - 500 | mW | | **DC Current Gain** | $h_{FE}$ | 420 - 800 | - | | **Noise Figure** | $NF$ | 1.2 (Typ) | dB | | **Transition Frequency** | $f_T$ | 150 - 250 | MHz | --- ### 2. Pinout Configuration The BC414C usually comes in a **TO-92** plastic package. Looking at the flat side with the pins pointing downwards, the configuration is as follows: 1. **Collector (C)**: The output pin. 2. **Base (B)**: The trigger/control pin. 3. **Emitter (E)**: The common/ground-side pin. --- ### 3. Distinctive Features * **Low Noise**: The "C" suffix in BC414C indicates a very high gain group with a specific focus on low noise performance ($NF$ usually around 1.2 dB to 2.0 dB). * **High Gain**: With an $h_{FE}$ reaching up to 800, it allows for significant amplification of very weak signals. * **Complementary Pair**: The **BC416** is the PNP counterpart to the BC414, often used together in push-pull amplifier stages. --- ### 4. Common Applications Due to its high gain and low noise floor, it is ideal for: * **Phono Preamps**: Amplifying signals from record player cartridges. * **Microphone Amplifiers**: Boosting low-level audio signals without adding hiss. * **Tape Head Amplifiers**: Historical use in magnetic tape playback. * **Sensor Interfaces**: Where small DC or AC currents need high-ratio amplification. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the A
    • ⤷ B
    • ⤷ and C versions of the BC414?
    • ⤷ Can a BC547 be used as a direct replacement for a BC414C?
    • ⤷ How do you calculate the base resistor for a BC414C in a simple switching circuit?