Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BC548C

  • AI
    ### Overview of the BC548C Transistor The **BC548C** is a widely used NPN (Negative-Positive-Negative) bipolar junction transistor (BJT). It is specifically designed for low-power, general-purpose switching and amplification tasks. The "C" suffix indicates a specific gain classification, representing the highest current gain range for this series. --- ### 1. Pinout Configuration The BC548C typically comes in a **TO-92** plastic package. When looking at the flat side with the leads pointing down, the pin configuration is as follows: | Pin Number | Pin Name | Description | | :--- | :--- | :--- | | 1 | **Collector** | Current enters the transistor here | | 2 | **Base** | The trigger/control pin | | 3 | **Emitter** | Current drains out to ground or the load | --- ### 2. Technical Specifications These parameters define the safe operating limits and performance characteristics of the component. | Parameter | Symbol | Value | | :--- | :--- | :--- | | Collector-Emitter Voltage | $V_{CEO}$ | 30V (Max) | | Collector-Base Voltage | $V_{CBO}$ | 50V (Max) | | Emitter-Base Voltage | $V_{EBO}$ | 5V (Max) | | Continuous Collector Current | $I_C$ | 100mA (Max) | | DC Current Gain ($h_{FE}$) | $h_{FE}$ | **420 to 800** | | Power Dissipation | $P_{tot}$ | 500mW | | Transition Frequency | $f_T$ | 300 MHz (Typ) | --- ### 3. Key Characteristics * **High Gain:** The "C" version is the highest gain variant of the BC548 family (A is low, B is medium, C is high). This makes it excellent for sensing very weak signals. * **Low Noise:** It is designed to have low internal noise, making it suitable for audio pre-amplifiers. * **Complementary Pair:** Its PNP counterpart is the **BC558C**. --- ### 4. Basic Application Circuits #### A. Simple Switch To use the BC548C as a switch, a small current is applied to the Base to allow a larger current to flow from the Collector to the Emitter. ```text VCC (e.g. 5V-12V) | [Load/LED] | C [BC548C] B --[Resistor]-- (Input Signal) E | GND ``` #### B. Audio Preamplifier Because of the high $h_{FE}$ (up to 800), it can amplify tiny fluctuations from a microphone into a signal strong enough for further processing. --- ### 5. Common Equivalents If the BC548C is unavailable, these are the most common substitutes: * **BC547:** Higher voltage rating (45V), similar characteristics. * **2N3904:** Standard NPN (Note: Pinout is reversed E-B-C). * **BC549:** Low noise version of the same series. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between BC548 and BC547 transistors?
    • ⤷ How do I calculate the base resistor value for a BC548C switch?
    • ⤷ Can BC548C be used for high-frequency RF applications?