BC548C.
AI

The **BC548C** is a widely used NPN epitaxial silicon phototransistor, primarily utilized for general-purpose switching and amplification tasks. It is part of the BC54x family of transistors.
---
### 1. Technical Specifications
The BC548C is characterized by its high current gain (hFE). Below are the absolute maximum ratings and electrical characteristics:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Emitter Voltage | $V_{CEO}$ | 30 | V |
| Collector-Base Voltage | $V_{CBO}$ | 50 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 | V |
| Collector Current (Continuous) | $I_C$ | 100 | mA |
| Total Device Dissipation | $P_D$ | 625 | mW |
| **DC Current Gain** | **$h_{FE}$** | **420 – 800** | - |
---
### 2. Pin Configuration
The BC548C typically comes in a **TO-92** plastic package. When looking at the flat side with the leads pointing downwards, the pins are arranged as follows:
1. **Collector (C):** Current enters the transistor here.
2. **Base (B):** The trigger that controls the flow between Collector and Emitter.
3. **Emitter (E):** Current exits the transistor here.
---
### 3. Key Features
* **High Gain:** The "C" suffix indicates the highest gain group in the BC548 series (A: 110-220, B: 200-450, C: 420-800).
* **Low Noise:** Suitable for the first stages of audio pre-amplifiers.
* **Low Cost:** Very economical and easy to source globally.
* **Complementary Pair:** The PNP counterpart to the BC548C is the **BC558C**.
---
### 4. Typical Applications
* **Switching:** Driving small loads like LEDs, relays, or logic gates (up to 100mA).
* **Amplification:** Boosting weak signals from sensors or microphones.
* **Oscillators:** Used in signal generation circuits.
* **Pulse Width Modulation (PWM):** Controlling motor speed or light intensity at low power.
---
### 5. Simple Circuit Example: LED Switch
This code-like representation shows how to calculate the base resistor for a simple switch:
```text
Input (5V) ---> [Resistor Rb] ---> Base
Collector ---> [LED] ---> [Resistor Rc] ---> VCC (9V)
Emitter ---> GND
Calculation for Rb:
Rb = (V_input - V_be) / I_b
Where V_be is approx 0.7V.
```
- ⤷
What is the difference between BC548B and BC548C?
- ⤷ How do I calculate the base resistor for a BC548C switch?
- ⤷ What are the best alternatives if a BC548C is not available?