BCL453232-R39M
AI

## Analysis of BCL453232-R39M
The **BCL453232-R39M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in power management and signal filtering circuits where space-saving and high reliability are required.
---
### 1. Part Number Breakdown
The nomenclature for this part typically follows a standardized format used by manufacturers like **Bourns** or **TDK**:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **BCL** | Series | Wire-wound chip inductor series. |
| **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric 4532 / EIA 1812). |
| **R39** | Inductance | **0.39 µH** (R represents the decimal point). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Technical Specifications
While exact specifications can vary slightly by brand, the general characteristics for an R39M in the 4532 size are as follows:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Inductance** | 0.39 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.10 Ω to 0.25 Ω (Max) |
| **Rated Current (I-rms)** | ~450 mA to 800 mA |
| **Self-Resonant Frequency (SRF)** | > 250 MHz |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Physical Construction
* **Core Material:** Usually a Ferrite core to provide high permeability and low magnetic flux leakage.
* **Winding:** Copper wire wound around the core, providing better current-handling capabilities compared to multilayer inductors.
* **Termination:** Tin-plated electrodes suitable for reflow soldering.
---
### 4. Key Applications
Because of its wire-wound nature and 1812 footprint, this component is ideal for:
1. **DC-DC Converters:** Used for energy storage and voltage regulation in portable electronics.
2. **EMI/RFI Filtering:** Suppressing high-frequency noise in communication lines.
3. **Signal Decoupling:** Preventing noise from feeding back into the power supply rails.
4. **Automotive Electronics:** Used in infotainment systems due to its robust thermal performance.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, you can look for alternatives in the **1812 (4532 Metric)** size with a **0.39 µH** rating:
* **Bourns:** CM453232-R39ML
* **TDK:** NLV453232T-R39M-PF
* **Murata:** LQH43MNR39M03L
---
- ⤷
What are the main differences between wire-wound and multilayer inductors in this size?
- ⤷ Can this inductor be used in high-frequency RF applications above 500MHz?
- ⤷ How does the 'Rated Current' affect the thermal performance of the BCL453232-R39M?