BCX53_15
AI

The **BCX53-16** (often referred to as part of the BCX53 series) is a medium-power **PNP Epitaxial Planar Silicon Transistor**. It is primarily designed for use in audio amplifiers and drivers utilizing complementary or quasi-complementary circuits.
---
## 1. Key Specifications
The BCX53 is housed in an **SOT-89** surface-mount package, which allows for better power dissipation compared to smaller SOT-23 packages.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -100 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -80 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5 | V |
| Collector Current (DC) | $I_C$ | -1 | A |
| Peak Collector Current | $I_{CM}$ | -1.5 | A |
| Total Power Dissipation | $P_{tot}$ | 0.5 - 1.3* | W |
*\*Note: Power dissipation depends heavily on the PCB copper area for heat sinking.*
---
## 2. Gain Grouping (The "-16" Suffix)
The suffix in the BCX53 series indicates the **DC Current Gain ($h_{FE}$)** range. While the base model covers a broad range, the "-16" version is binned for specific performance:
| Part Number | $h_{FE}$ Range ($I_C = 150mA$) |
| :--- | :--- |
| BCX53 | 63 - 250 |
| BCX53-10 | 63 - 160 |
| **BCX53-16** | **100 - 250** |
---
## 3. Pin Configuration (SOT-89)
The SOT-89 package has three terminals and a large thermal tab:
| Pin Number | Assignment | Description |
| :--- | :--- | :--- |
| 1 | **B** (Base) | Controls the flow between Emitter and Collector |
| 2 / Tab | **C** (Collector) | Connected to the thermal tab for cooling |
| 3 | **E** (Emitter) | Current exits through here in a PNP setup |
---
## 4. Typical Applications
* **Medium Power Switching:** Used as a switch to control loads up to 1A.
* **Audio Power Amplifiers:** Acts as a driver stage for speakers.
* **Voltage Regulation:** Employed in linear regulators to manage output current.
* **Relay Drivers:** Driving inductive loads in automotive or industrial circuits.
---
- ⤷What is the NPN complementary pair for the BCX53-16?
- ⤷ How does the SOT-89 thermal pad affect power dissipation in a circuit design?
- ⤷ Can the BCX53-16 be used in 24V industrial control systems?