Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BEF-RMC-D12

  • AI
    The **BEF-RMC-D12** is primarily a mechanical mounting component used for industrial sensors. While it is not an electronic circuit in itself, it is a critical part of the sensor's physical infrastructure, often categorized as a **clamping bracket** or **mounting system**. Below is a detailed breakdown of its specifications and its role in electronic sensor systems. --- ### 1. General Specifications The BEF-RMC-D12 is typically used with cylindrical sensors (M12 diameter) to provide stable positioning in automation environments. | Feature | Specification | | :--- | :--- | | **Model Number** | BEF-RMC-D12 | | **Compatible Diameter** | 12 mm (M12) | | **Material** | Plastic (usually PA6, glass fiber reinforced) or Aluminum | | **Function** | Mounting/Clamping | | **Rotation** | 360° possible depending on rod assembly | | **Standard Use Case** | Inductive, Capacitive, or Photoelectric Sensors | --- ### 2. Functional Integration with Electronics In an electronic system, the BEF-RMC-D12 serves the following technical purposes: * **Mechanical Grounding/Isolation:** If made of plastic, it provides electrical isolation between the sensor body and the machine frame, reducing electromagnetic interference (EMI). * **Alignment Precision:** For photoelectric sensors, this part ensures the light beam is perfectly aligned with the reflector or receiver, which is critical for signal integrity. * **Vibration Dampening:** The material properties help absorb high-frequency vibrations that could otherwise lead to "false triggers" in sensitive electronic switches. --- ### 3. Application Workflow How this part fits into an electronic control loop: 1. **Sensor Housing:** An M12 sensor (e.g., an inductive proximity switch) is inserted into the 12mm opening. 2. **Cable Management:** The bracket often features a design that prevents stress on the electronic cable exit point. 3. **Signal Stability:** By locking the sensor in place, it prevents physical "drift," ensuring the electronic output (PNP/NPN) remains consistent over millions of cycles. --- ### 4. Comparison with Related Parts | Part Type | Best Used For | | :--- | :--- | | **BEF-RMC-D12** | Standard 12mm cylindrical sensors. | | **BEF-KH-M12** | Heavy-duty clamping with metal reinforcement. | | **BEF-WG-M12** | Angle-adjustable mounting for tight spaces. |
    ✨ Follow-up Questions
    • ⤷ What specific sensor models are most commonly used with the BEF-RMC-D12?
    • ⤷ Does this bracket come in stainless steel versions for washdown environments?
    • ⤷ How does this mounting system handle thermal expansion in high-temperature electronics?