BFC2336282
AI

### Overview: BFC2336282
The **BFC2336282** is a specific part number belonging to the **Vishay BC Components** MKP336 2 series. It is a metallized polypropylene film capacitor designed primarily for **EMI suppression** and across-the-line applications.
---
### Technical Specifications
The following table outlines the critical electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 2.2 nF (0.0022 µF) |
| **Tolerance** | ±20% |
| **Voltage Rating (AC)** | 310 VAC |
| **Safety Class** | X2 |
| **Dielectric Material** | Polypropylene Film (MKP) |
| **Operating Temperature** | -55°C to +110°C |
| **Termination Style** | Radial Leads |
| **Lead Spacing** | 10.0 mm |
---
### Key Features and Functionality
#### 1. X2 Safety Rating
The "X2" designation is a safety classification. These capacitors are designed to be connected across the AC mains (line-to-neutral). They are engineered to fail safely (without causing a fire or electric shock) even if they are subjected to high voltage surges or spikes.
#### 2. Self-Healing Properties
Because it uses **metallized film** technology, the capacitor has "self-healing" properties. If a localized breakdown occurs in the dielectric, the thin metal layer evaporates around the point of failure, clearing the short circuit and allowing the capacitor to continue functioning.
#### 3. Low Losses
Polypropylene (MKP) is known for its very low dissipation factor and high insulation resistance, making it highly efficient for AC filtering.
---
### Common Applications
The BFC2336282 is typically used in the following circuits:
* **EMI/RFI Suppression:** Filtering out high-frequency noise from the power lines.
* **Power Supplies:** Used in the input stage of Switched Mode Power Supplies (SMPS).
* **Household Appliances:** Used in white goods to prevent electrical interference from affecting other devices.
* **Across-the-line:** General purpose AC filtering.
---
### Dimensions and Mounting
The part is housed in a flame-retardant plastic case (UL 94 V-0) with epoxy resin sealing.
* **Pitch:** 10 mm (distance between pins).
* **Mounting:** Through-hole (THT) on a Printed Circuit Board (PCB).
- ⤷What is the difference between X2 and Y2 safety capacitors?
- ⤷ How does the self-healing mechanism work in metallized film capacitors?
- ⤷ Can this capacitor be used in DC applications?