BFS482
AI

The **BFS482** is a specific type of NPN silicon planar epitaxial RF (Radio Frequency) transistor. It is primarily designed for high-frequency applications, particularly in wideband and antenna amplifiers.
---
### 1. Key Technical Specifications
The following table highlights the critical electrical characteristics of the BFS482:
| Parameter | Symbol | Maximum Value | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Emitter Voltage | $V_{CEO}$ | 15 | V |
| Collector-Base Voltage | $V_{CBO}$ | 25 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 2.5 | V |
| Collector Current (DC) | $I_C$ | 50 | mA |
| Total Power Dissipation | $P_{tot}$ | 450 | mW |
| Transition Frequency | $f_T$ | 7 | GHz |
---
### 2. Physical and Operational Features
* **Package Type:** Usually comes in a **SOT-89** surface-mount package. This package is chosen for its ability to handle moderate power while maintaining a small footprint.
* **High Gain:** It offers high power gain even at high frequencies, which is essential for signal amplification in RF circuits.
* **Low Noise:** It is engineered for a low noise figure ($NF$), making it suitable for input stages where signal integrity is critical.
* **Thermal Stability:** The internal construction allows for stable operation up to a junction temperature ($T_j$) of 150°C.
---
### 3. Common Applications
The BFS482 is a versatile component in the telecommunications and RF industry:
1. **Antenna Amplifiers:** Used to boost weak signals from antennas before they reach the receiver.
2. **CATV Systems:** Employed in Cable TV distribution amplifiers due to its wideband performance.
3. **Local Oscillators:** Integrated into frequency synthesis circuits.
4. **IF/RF Stages:** Found in the intermediate frequency (IF) and radio frequency (RF) stages of mobile communication devices.
---
### 4. Basic Pinout Configuration
*Standard SOT-89 layout for BFS482:*
| Pin Number | Function |
| :--- | :--- |
| 1 | Emitter |
| 2 | Collector (connected to tab) |
| 3 | Base |
---
- ⤷
What are the equivalent substitutes for the BFS482 transistor?
- ⤷ How does the 7 GHz transition frequency affect its performance in 5G applications?
- ⤷ What is the typical noise figure for this transistor at 1 GHz?