BK-HTB-94M-R
AI

The **BK-HTB-94M-R** is a high-performance panel-mount fuse holder manufactured by **Eaton (Bussmann Series)**. It is designed to hold 5mm x 20mm cartridges fuses and is widely used in industrial and commercial electronic equipment to provide overcurrent protection.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and mechanical parameters of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Bussmann) |
| **Series** | HTB |
| **Fuse Size** | 5mm x 20mm |
| **Voltage Rating** | 250 VAC |
| **Current Rating** | 16 Amps (UL), 6.3 Amps (VDE) |
| **Mounting Type** | Panel Mount (Front Hex Nut) |
| **Termination Style** | 4.8mm (3/16") Quick Connect / Solder |
| **Body Material** | Thermoplastic (High Temperature) |
| **Knob Type** | Low Profile, Screwdriver Slot |
---
### 2. Component Composition
The BK-HTB-94M-R consists of several critical parts that ensure electrical safety and connectivity:
* **Fuse Carrier (Knob):** The "M" in the part number indicates a **screwdriver-release knob**. It is low-profile to prevent accidental removal and requires a tool to access the fuse.
* **Insulated Body:** Made from high-grade thermoplastic that can withstand high temperatures and provides electrical insulation between the panel and the internal live parts.
* **Terminals:** The "94" designation refers to the terminal configuration. These are **Right-Angle Quick-Connect** terminals (4.8mm), which allow for easy wiring in tight enclosures.
* **Mounting Hardware:** Includes a hex nut and a rubber washer to ensure a secure, vibration-resistant fit against the chassis.
---
### 3. Safety and Compliance
The "R" suffix indicates that the part is **RoHS compliant**, meaning it is free from hazardous substances like lead. Additionally, it carries multiple international safety certifications:
* **UL Recognized:** Standard for the US market.
* **CSA Certified:** Standard for the Canadian market.
* **VDE / SEMKO:** Ensuring compliance with European safety standards for electrical components.
---
### 4. Circuit Symbol and Integration
In an electronic schematic, this part is represented as a fuse holder in series with the main power line:
```text
[Line In] ----( Fuse Holder )---- [Internal Circuitry]
|
(BK-HTB-94M-R)
```
**Common Applications:**
- Power supplies
- Medical equipment
- Industrial control panels
- Telecommunications hardware
---
- ⤷
What is the difference between the 'M' and 'K' knob styles in the HTB series?
- ⤷ Can this fuse holder be used with 6.3mm (1/4 inch) fuses?
- ⤷ What is the maximum panel thickness supported by this mounting style?