BKHBH-I-R
AI

Based on the part number **BKHBH-I-R**, this component is a specific type of **high-pressure ball valve** often utilized in hydraulic systems. Below is a detailed breakdown of its electronic and mechanical specifications, structure, and technical properties.
### 1. Component Identification
The BKHBH series represents a high-pressure block ball valve, typically manufactured by companies like MHA Zentgraf or similar hydraulic specialists.
| Category | Specification |
| :--- | :--- |
| **Product Type** | High-Pressure Block Ball Valve |
| **Material (Body)** | Steel (Black Primed or Galvanized) |
| **Ball Material** | Steel or Stainless Steel (Hard Chrome Plated) |
| **Seal Material** | POM (Ball seat) and NBR/FKM (O-rings) |
| **Connection Type** | Female Threaded (BSP or NPT) |
---
### 2. Technical Breakdown
While the valve itself is mechanical, it is often integrated into electronic control systems via actuators or sensors.
#### A. The "I-R" Suffix Meaning
* **I:** Usually refers to the internal sizing or a specific inlet/outlet configuration (Internal thread).
* **R:** Generally indicates the thread type (e.g., Whitworth Pipe Thread / BSPP).
#### B. Electronic Integration
While this is a manual valve by default, it is frequently converted for electronic automation using the following parts:
1. **Limit Switches:** Often mounted to the top of the valve to send an electronic signal (Digital I/O) to a PLC regarding the "Open" or "Closed" status.
2. **Electric Actuators:** In automated systems, the manual handle is replaced by an electric motor drive (24VDC or 230VAC) to allow remote operation.
3. **Proximity Sensors:** Used in industrial IoT setups to detect the position of the ball/stem without physical contact.
---
### 3. Key Performance Ratings
| Feature | Value |
| :--- | :--- |
| **Pressure Range** | Up to 500 Bar (7250 PSI) |
| **Temperature Range** | -20°C to +100°C (standard seals) |
| **Flow Media** | Hydraulic Oil, Mineral Oil, Water Glycol |
---
### 4. Typical Applications
* **Hydraulic Power Units (HPUs):** Electronic monitoring of fluid flow.
* **Safety Cut-off Systems:** Integrated with E-stop circuits.
* **Construction Machinery:** Used in the hydraulic manifolds of cranes and excavators.
---
- ⤷
How do I choose between NBR and FKM seals for this valve?
- ⤷ Can this valve be mounted directly to an electric rotary actuator?
- ⤷ What is the specific thread pitch for the 'R' designation?