BL-R2130N
AI

## Overview of the BL-R2130N Module
The **BL-R2130N** is a high-performance, low-cost IEEE 802.11b/g/n WLAN module. It is designed to provide wireless connectivity for embedded systems, IoT devices, and consumer electronics. The module is primarily built around the **Realtek RTL8188EUS** (or similar variant) chipset.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188EUS |
| **Interface** | USB 2.0 |
| **Wireless Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n |
| **Frequency Range** | 2.4 GHz - 2.4835 GHz |
| **Data Rate** | Up to 150 Mbps (802.11n) |
| **Operating Voltage** | 3.3V ±0.2V |
| **Antenna Type** | External (via I-PEX connector) or PCB trace |
---
### Core Electronic Components
The module consists of several critical electronic sections that enable its functionality:
#### 1. The Main SoC (Realtek RTL8188)
The heart of the module is a highly integrated single-chip 802.11n WLAN controller. It combines a MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) baseband, and an RF radio.
#### 2. Power Management (LDO)
Since most USB interfaces provide 5V and the module operates at **3.3V**, the board usually includes a Low-Dropout Regulator (LDO) or expects the host system to provide a regulated 3.3V rail to the VCC pin.
#### 3. Crystal Oscillator
A high-precision crystal (typically **40MHz**) provides the clock signal necessary for the SoC to synchronize radio frequencies and process data accurately.
#### 4. RF Front End
- **Filters:** Band-pass filters are used to reduce noise and interference from other signals in the 2.4GHz spectrum.
- **Impedance Matching:** A network of small capacitors and inductors (LC circuit) ensures that the output impedance is matched to 50 ohms for maximum power transfer to the antenna.
---
### Pin Configuration (Typical)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | 3.3V Power Supply |
| 2 | **DM** | USB Data Minus |
| 3 | **DP** | USB Data Plus |
| 4 | **GND** | Ground |
| 5 | **CHIP_EN** | Enable/Disable the module (High for ON) |
---
### Applications
* **IP Cameras:** Providing wireless video streaming.
* **Set-top Boxes:** Adding Wi-Fi connectivity to TVs.
* **Industrial Controllers:** Remote monitoring and data logging.
* **Portable Devices:** Handheld terminals or tablets.
- ⤷
What are the power consumption levels of the BL-R2130N in standby vs active mode?
- ⤷ How do I interface the BL-R2130N with a Raspberry Pi or Linux-based system?
- ⤷ Does the BL-R2130N support WPA3 security protocols?