AI

The **BL-R3139-T** is a highly integrated, small-form-factor wireless network module. It is primarily designed to provide IEEE 802.11b/g/n Wi-Fi connectivity for embedded systems, IoT devices, and consumer electronics.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Architecture
The module is based on the **Realtek RTL8188FTV** (or similar series) chipset. This is a highly integrated single-chip 802.11n WLAN network interface controller with a USB 2.0 interface.
| Feature | Specification |
| :--- | :--- |
| **Standard** | IEEE 802.11b/g/n |
| **Interface** | USB 2.0 (High Speed) |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Data Rate** | Up to 150Mbps (802.11n) |
| **Voltage Supply** | 3.3V ± 0.2V |
---
### 2. Key Electronic Components
The module consists of several critical sub-sections on its PCB:
* **RF Frontend:** Contains the Power Amplifier (PA), Low Noise Amplifier (LNA), and Transmit/Receive (T/R) switch.
* **Crystal Oscillator:** Usually a **40MHz** high-precision crystal that provides the base clock frequency for the SoC and radio.
* **Antenna Options:**
* **I-PEX/MHF Connector:** For external antenna connection via a pigtail cable.
* **ANT Pin:** Solder pad for a printed or wire antenna.
* **Power Management:** Includes onboard LDO (Low Dropout Regulators) to step down the 3.3V input to the specific core voltages required by the chipset.
---
### 3. Pin Definition (Typical 4-6 Pin Layout)
The BL-R3139-T typically utilizes a small pin-out for easy integration onto a host PCB:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **3.3V** | Main DC Power Supply |
| 2 | **DM** | USB Data Minus |
| 3 | **DP** | USB Data Plus |
| 4 | **GND** | Ground |
| 5 | **CHIP_EN/RST** | Chip Enable or Reset (Active High/Low depending on version) |
---
### 4. RF Performance Characteristics
The module is optimized for low power consumption while maintaining reliable signal strength:
* **Modulation Types:** DBPSK, DQPSK, CCK (b); BPSK, QPSK, 16QAM, 64QAM (g/n).
* **Security Support:** WPA, WPA2, WEP, WPS.
* **Operating Temperature:** -10°C to +70°C.
---
### 5. Common Applications
Due to its small size and USB interface, it is commonly found in:
1. **Smart TVs and Set-Top Boxes.**
2. **IP Cameras:** Providing wireless video transmission.
3. **POS Terminals:** For wireless transaction data.
4. **Gaming Consoles:** Wireless controller or internet connectivity.
---
- ⤷What is the difference between the BL-R3139-T and the BL-R8188EU1 model?
- ⤷ What are the specific power consumption ratings in Tx/Rx modes?
- ⤷ Does this module support Linux and Android drivers out of the box?