Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BL-R4532R

  • AI
    The **BL-R4532R** is a compact, high-performance IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is designed around the **Realtek RTL8188RE/RTL8188EUS** chipset and is commonly used in tablets, smart TVs, and IoT devices that require a small form factor and low power consumption. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 Series | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (Typical) | | **Form Factor** | SMD (Surface Mount Device) | --- ### 2. Major Electronic Components The module is composed of several critical electronic sub-systems integrated onto a single PCB: #### A. The Main SoC (System on Chip) At the heart of the module is the **Realtek RTL8188**. This IC integrates: * **MAC (Media Access Control):** Handles protocol logic and frame management. * **Baseband Processor:** Manages physical layer (PHY) modulation (OFDM, CCK). * **RF Transceiver:** Converts digital data into radio frequency signals. #### B. RF Front End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Enhances weak signals received from the antenna. * **Antenna Interface:** Usually features an I-PEX connector or a pin-out for a PCB trace antenna. #### C. Power Management * **LDO Regulators:** Since the module often operates on a 3.3V rail, internal regulators ensure stable voltages for the core logic (usually 1.2V or 1.0V). #### D. Clock and Timing * **Crystal Oscillator:** Typically a 40MHz crystal provides the clock reference for the RF frequency synthesizer and the digital logic. --- ### 3. Pin Definition (Typical) The BL-R4532R usually utilizes a small pin-count interface to communicate with the host processor: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD 3.3V** | Power | Main 3.3V power supply input | | **USB_D-** | Signal | USB Differential Data Negative | | **USB_D+** | Signal | USB Differential Data Positive | | **GND** | Power | Ground connection | | **WPS/GPIO** | Control | Configuration or LED status pins | --- ### 4. Implementation Code (Example) Since this is a USB-based module, it is typically recognized by Linux kernels using the `rtl8188eu` driver. You can check the hardware ID via terminal: ```bash # List USB devices to verify module presence lsusb # Typical output for this chipset: # Bus 001 Device 003: ID 0bda:8179 Realtek Semiconductor Corp. RTL8188EUS 802.11n Wireless Network Adapter ```
    ✨ Follow-up Questions
    • ⤷ How do I integrate the BL-R4532R into a Linux-based embedded system?
    • ⤷ What are the power consumption levels during active transmission?
    • ⤷ What is the difference between the BL-R4532R and the RTL8188ETV module?