Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • BL-R9132J

  • AI
    The **BL-R9132J** is a high-performance, low-power wireless communication module based on the **Realtek RTL8192EU** chipset. It is primarily designed as a 2T2R (2-Transmit, 2-Receive) Wi-Fi solution for devices requiring stable internet connectivity via a USB interface. --- ### ## 1. Key Technical Specifications The following table summarizes the core electronic and operational characteristics of the module: | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8192EU | | **Interface** | USB 2.0 | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.4GHz ~ 2.4835GHz | | **Max Data Rate** | 300Mbps (2T2R) | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna Type** | External (via I-PEX connector or pin-out) | --- ### ## 2. Core Electronic Components The module consists of several critical stages that manage the radio frequency (RF) and digital processing: 1. **RTL8192EU IC:** The "brain" of the module. It integrates the MAC (Media Access Control), a 2T2R capable Baseband, and the RF Radio into a single chip. 2. **Crystal Oscillator (40MHz):** Provides the precision clock signal required for frequency synthesis and timing. 3. **Power Management Unit (PMU):** Internal circuitry that steps down or regulates the 3.3V input to lower voltages (typically 1.1V or 1.2V) required by the core processor. 4. **RF Front End:** Includes filters and impedance matching circuits to ensure the signal is clean and compliant with FCC/CE regulations before reaching the antenna. 5. **EEPROM/Flash (Internal):** Stores configuration data such as MAC addresses and calibration parameters. --- ### ## 3. Pinout and Connectivity The BL-R9132J typically utilizes a small form factor (stamp hole or pin header). The essential connections are: * **VCC:** 3.3V Power Supply. * **D+ / D-:** USB Differential Data signals. * **GND:** Common Ground. * **RF_ANT:** Output/Input for the Wi-Fi antenna. * **CHIP_EN (Optional):** Enable/Reset pin to power down the module for energy saving. --- ### ## 4. Common Applications Due to its 300Mbps throughput and USB interface, it is frequently found in: * **OTT Boxes / Smart TVs:** Providing wireless streaming capabilities. * **IP Cameras:** For high-definition wireless video transmission. * **Industrial PCs:** Adding networking to embedded systems. * **Laptops/Tablets:** As an internal Wi-Fi replacement or upgrade module. ---
    ✨ Follow-up Questions
    • ⤷What are the driver requirements for the RTL8192EU chipset on Linux?
    • ⤷ Does the BL-R9132J support Bluetooth functionality?
    • ⤷ What is the typical power consumption of this module during active data transmission?