BL02RN2-R62T4
AI

The **BL02RN2-R62T4** is a specialized passive electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ferrite Beads**, specifically designed for noise suppression in electronic circuits.
---
## 1. Component Specification Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Part Series** | BL02 (Leaded Type Ferrite Bead) |
| **Impedance** | Typically ~250-300 $\Omega$ at 100MHz |
| **Rated Current** | 7 Amperes (Max) |
| **Mounting Type** | Through-Hole (Axial leaded) |
| **Lead Diameter** | 0.60mm |
| **Packaging** | Taping (Ammo Pack / T4 format) |
---
## 2. Technical Characteristics
### Physical Construction
The BL02RN2 series consists of a ferrite core with a single wire passing through it. Unlike Surface Mount (SMD) chips, this is a **leaded** part, making it suitable for applications where high current or through-hole PCB assembly is required.
### EMI Suppression Logic
* **High-Frequency Resistance:** At low frequencies, the component acts as a standard conductor (low resistance). At high frequencies (EMI noise), the ferrite material increases its impedance, converting the noise energy into heat and preventing it from passing through the circuit.
* **Broadband Performance:** It is effective at suppressing noise across a wide frequency range, particularly in the 10MHz to 500MHz spectrum.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant:
* **BL02**: Series name (Ferrite bead with lead wire).
* **RN2**: Internal design code (Refers to the core shape and material).
* **R62**: Refers to the physical dimensions and lead configuration.
* **T4**: Packaging code (Standard Ammo Pack taping for automatic insertion machines).
---
## 4. Common Applications
1. **Power Supply Filtering:** Used on the input/output stages of DC-DC converters to reduce switching noise.
2. **Consumer Electronics:** Found in TVs, audio equipment, and computers to ensure electromagnetic compatibility (EMC) compliance.
3. **Industrial Equipment:** Used to shield sensitive signal lines from high-current motor noise or power line interference.
---
- ⤷
What is the maximum operating temperature for the BL02RN2 series?
- ⤷ How does a ferrite bead differ from a standard inductor?
- ⤷ What is the difference between the T4 and T2 packaging options for Murata components?