BML0603-R18K
AI

The **BML0603-R18K** is a surface-mount multilayer ferrite chip inductor commonly used in high-frequency circuits. Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Part Number Breakdown
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **BML** | Series | Multilayer Ferrite Chip Inductor |
| **0603** | Case Size | 0.6mm x 0.3mm (EIA 0201 equivalent) |
| **R18** | Inductance | 0.18 µH (180 nH) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
These parameters define the electrical behavior and limits of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.18 µH (180 nH) |
| **Tolerance** | ±10% |
| **DC Resistance (DCR)** | ~0.70 Ω (Max) |
| **Rated Current** | ~100 mA (Max) |
| **Self-Resonant Frequency (SRF)** | ~320 MHz |
| **Quality Factor (Q)** | 15 - 20 (at test frequency) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Key Electronic Characteristics
* **Multilayer Ferrite Construction:** Unlike wire-wound inductors, this part is made by layering conductive paste and ferrite material. This results in a monolithic, magnetically shielded structure that prevents electromagnetic interference (EMI) with neighboring components.
* **High Density Packaging:** The 0603 (metric) size is extremely small, making it ideal for high-density PCB designs like smartphones and wearables.
* **Impedance Characteristics:** At low frequencies, it acts as a standard inductor. As frequency increases, the magnetic loss of the ferrite material increases, allowing it to act as a filter/suppressor for high-frequency noise.
---
### 4. Common Applications
Due to its small size and inductance value, the BML0603-R18K is typically used in:
1. **RF Circuits:** Matching networks for Bluetooth, Wi-Fi, and cellular modules.
2. **EMI Suppression:** Filtering high-frequency noise in signal lines.
3. **Power Decoupling:** Preventing noise from reaching sensitive ICs in mobile devices.
4. **Signal Shaping:** Used in high-speed data transmission lines to maintain signal integrity.
---
- ⤷
What is the difference between a ferrite chip inductor and a ceramic chip inductor?
- ⤷ How does the SRF (Self-Resonant Frequency) impact the performance of this inductor?
- ⤷ Can this component be used in high-power power supply circuits?